Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFBR-810BZ Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-810BZ
Description  Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-810BZ Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  AFBR-810BZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
AFBR-810BxxxZ and AFBR-820BxxxZ
Twelve-Channel Transmitter and Receiver
Pluggable, Parallel-Fiber-Optic Modules
Data Sheet
Description
The AFBR-810B Twelve-Channel, Pluggable, Parallel-Fiber-
Optic Transmitter and AFBR-820B Twelve-Channel,
Pluggable, Parallel-Fiber-Optic Receiver are high per-
formance fiber Optic modules for short-range parallel
multi-lane data communication and interconnect ap-
plications. These 12-channel devices are capable of 10.0
Gbps per channel, 120 Gbps raw aggregate operation.
The modules are designed to operate over multimode
fiber systems using a nominal wavelength of 850 nm. The
electrical interface uses a 10x10 MEG-Arraylow-profile
mezzanine connector. The optical interface uses a MTP
(MPO) 1x12 ribbon cable connector. The thermal interface
can be a factory installed heatsink for air-cooled systems
or thermal seating plane for user flexibility. The modules
incorporate high performance, highly reliable, short
wavelength optical devices coupled with proven circuit
technology to provide long life and consistent service.
Applications
• High Performance and High Productivity computer
interconnects
• InfiniBand QDR SX interconnects
• Datacom switch and router backplane connections
• Telecom switch and router backplane connections
Part Number Ordering Options
Transmitter Part Numbers
AFBR-810BZ
With Fin heat sink / no EMI nose clip
AFBR-810BEZ
With Fin heat sink / EMI nose clip
AFBR-810BPZ
With Pin heat sink / no EMI nose clip
AFBR-810BEPZ
With Pin heat sink / EMI nose clip
AFBR-810BHZ
With no heat sink / no EMI nose clip
AFBR-810BEHZ
With no heat sink/ EMI nose clip
Receiver Part Numbers
AFBR-820BZ
With Fin heat sink / no EMI nose clip
AFBR-820BEZ
With Fin heat sink / EMI nose clip
AFBR-820BPZ
With Pin heat sink / no EMI nose clip
AFBR-820BEPZ
With Pin heat sink / EMI nose clip
AFBR-820BHZ
With no heat sink / no EMI nose clip
AFBR-820BEHZ
With no heat sink/ EMI nose clip
Features
• High Channel Capacity: 120 Gbps per module
• High port density: 19 mm lateral port pitch; < 0.51 mm/
Gbps for Tx–Rx pair
• Low power consumption per Gbps: < 42 mW/Gb/s for
Tx–Rx pair
• Based on industry-standard, pluggable, SNAP12 form
factor with upgraded pinout for improved signal
integrity and keyed to prevent mis-plugging with first
generation SNAP12 devices
• Twelve independent channels per module
• Separate transmitter and receiver modules
• 850 nm VCSEL array in transmitter; PIN array in receiver
• Operates up to 10 Gbps with 8b/10b compatible coded
data
• Links up to 50 m at 10 Gbps with 2000 MHz∙km 50 um
MMF
• Two power supplies, 2.5 V and 3.3 V, for low power
consumption
• Dedicated signals for module address, module reset
and host interrupt.
• TwoWire Serial (TWS) interface with maskable interrupt
for expanded functionality including:
– Individual channel functions: disable, squelch
disable, lane polarity inversion, margin
– Programmable equalization integrated with DC
blocking caps at transmitter data input
– Programmable receiver output swing and de-
emphasis level
– A/D readback: module temperature and supply
voltages, per channel laser current and laser power,
or received power
– Status: per channel Tx fault, electrical (transmitter)
or optical (receiver) LOS, and alarm flags
• 0 to 70°C case temperature operating range
Patent - www.avagotech.com/patents


Similar Part No. - AFBR-810BZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-810BEPZ AVAGO-AFBR-810BEPZ Datasheet
1Mb / 48P
Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
More results

Similar Description - AFBR-810BZ

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AFBR-732B HP-AFBR-732B Datasheet
391Kb / 22P
Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-772BZ AVAGO-HFBR-772BZ Datasheet
436Kb / 24P
Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-779BZ AVAGO-HFBR-779BZ Datasheet
275Kb / 22P
Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
AFBR-732BZ AVAGO-AFBR-732BZ Datasheet
398Kb / 22P
Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
AFBR-810BEPZ AVAGO-AFBR-810BEPZ Datasheet
1Mb / 48P
Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
HFBR-772BWZ AVAGO-HFBR-772BWZ Datasheet
566Kb / 25P
Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver Low cost per Gb/s
AFBR-776BZ AVAGO-AFBR-776BZ Datasheet
966Kb / 48P
Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optics Modules
HFBR-779BWZ AVAGO-HFBR-779BWZ Datasheet
343Kb / 22P
Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
logo
Broadcom Corporation.
AFBR-732BWZ BOARDCOM-AFBR-732BWZ Datasheet
434Kb / 22P
Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
logo
Maxim Integrated Produc...
MAX9860EVKIT MAXIM-MAX9860EVKIT Datasheet
4Mb / 21P
On-Board Fiber Optic Transmitter and Receiver Modules
Rev 0; 12/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com