Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFBR-810BZ Datasheet(PDF) 13 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-810BZ
Description  Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-810BZ Datasheet(HTML) 13 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFBR-810BZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
13
Transmitter Optical Characteristics
The following characteristics are defined over the Recommended Operating Conditions unless otherwise noted. Typical
values are for Tc = 40°C, Vcc33 = 3.3 V and Vcc25 = 2.5 V.
Parameter
Symbol
Min
Typ
Max
Units
Reference
Output Optical Power: Average
PO AVE
-1.5
dBm
Output Optical Power: Disabled
PO OFF
-30
dBm
Extinction Ratio
ER
3
dB
Informative
Output Optical Modulation Amplitude
OMA
-5.25
dBm
Informative
Output OMA: Squelched
-27
dBm
Encircled Flux
1
Center Wavelength
830
860
nm
Spectral Width - rms
0.85
nm
Output Rise/Fall Time
50
ps
2, Informative
Power On Initialization Time Tx Outputs
tPWR INIT
500
ms
Figure 18
Reset Assert Time Tx Outputs
tRSTL ON
500
ms
Figure 19
Reset De-assert Re-initialization Time Tx
Outputs
tRSTL OFF
500
ms
Figure 19
Output Disable Assert Time for Fault
tDIS ON
100
ms
Figure 21
Output Squelch Assert Time for LOS
tSQ ON
80
µs
Figure 22
Output Squelch De-assert Time for LOS
tSQ OFF
80
µs
Figure 22
Inter-channel Skew
150
ps
3
Channel Latency
400
ps
Informative
Relative Intensity Noise OMA
RIN12 OMA
-124
dB/Hz
Informative
Accumulated Deterministic Jitter
30
ps
4, Informative
Accumulated Total Jitter
60
ps
5, Informative
Reference Link Output Eye Width
tEYE REF
40
ps
6
Notes:
1. The transmitter launch condition meets the requirements of 10 Gigabit Ethernet multimode fiber as detailed in TIA 492AAC.
2. These are unfiltered rise and fall times measured between the 20% and 80% levels using a 500 MHz square wave test pattern. Impairments in
measurements due to the test system are removed.
3. Inter-Channel Skew is defined for the condition of equal amplitude, zero ps skew input signals.
4. Deterministic Jitter, DJ, conforms to the dual-Dirac model where TJ(BER) = DJ + 2Q(BER)RJrms and RJrms is the width of the Gaussian component.
Here BER = 10-12. DJ is measured with the same conditions as TJ. Effects of impairments in the test signals due to the test system are removed from
the measurement. All channels not under test are operating with similar test patterns.
5. Total Jitter, TJ, defined for BER of 10-12, is measured at the 50% signal level using test pattern 2 defined in IEEE P802.3ae clause 52.9.1, or equivalent,
operating at 10 GBd with test source characteristics per the Recommended Operation Conditions. Effects of impairments in the test signals due to
the test system are removed from the measurement. All channels not under test are operating with similar test patterns.
6. Eye Opening is defined as the unit interval less TJ for the same test pattern and conditions as TJ. Measurement is made at the output, TP4, of the
Reference Channel. See Link Model and Reference Channel section and Receiver Electrical Characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com