Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFBR-810BZ Datasheet(PDF) 25 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-810BZ
Description  Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-810BZ Datasheet(HTML) 25 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFBR-810BZ Datasheet HTML 21Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 22Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 23Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 24Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 25Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 26Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 27Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 28Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 29Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
25
1. Memory Map Overview
The memory is structured as a single address, multiple
page approach after that in the XFP MSA and adapted
by QSFP MSA for multi-channel transceivers. Figure 27
presents an overview of the memory structure showing a
lower page (5ih) and two upper pages (00h and 01h). As
with XFP and QSFP, time sensitive, dynamic and/or high
interest information are contained in the base, i.e. lower,
page. Here the upper page 00h contains the serial id
Byte
Type Lower Memory Page 5ih
0
RO Identifier
1-2
RO Status
3-27
RO Interrupt Flags: LOS, Fault, Monitor
28-39
RO Module Monitors
40-87
RO Channel Monitors
88-89
RO Elapsed Operating Time
90-105 RW Controls (Volatile)
106-118 RW Masks: LOS, Fault, Module Flags
119-126 RW Reserved
127
RW Upper Page Select Byte
Byte
Type Upper Memory Page 00h
Byte
Type Upper Memory Page 01h
128-129 RO Identifiers
128-175 RO Module Thresholds
130
RO Description: Power Supplies
176-223 RO Channel Thresholds
131
RO Description: Max Case Temp
224
RO Checksum
132-133 RO Description: Min/Max Signal Rate
225-243 RW Controls (Non-volatile)
134-137 RO Description: Wavelength
244-255 RW Masks: Channel Monitor Flags
138-143 RO Description: Supported Functions
144-151 RO Reserved
152-170 RO Vendor Information: Name & OUI
171-188 RO Vendor Information: PN & PN rev
189-204 RO Vendor Information: SN
205-212 RO Vendor Information: Date Code
213-222 RO Vendor Information: CLEI Code
223
RO Checksum
224-255 RO Vendor Specific
Figure 27. Two-Wire Serial Address 5ih Page Structure
information, again following the style of XFP and QSFP.
The 01h upper table contains static threshold information,
configuration controls and flag masks.
Unless otherwise stated all reserved bytes are coded 00h
and all reserved bits are coded 0b. Non-volatile read-
write bits are labeled RWn and volatile read-write bits are
labeled RWv.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com