Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFBR-810BZ Datasheet(PDF) 39 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-810BZ
Description  Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-810BZ Datasheet(HTML) 39 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFBR-810BZ Datasheet HTML 35Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 36Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 37Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 38Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 39Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 40Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 41Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 42Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 43Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
39
Address
Type
Field Name/Description
Byte
Bit
80-81
all
RO
Rx Optical Input, Pave, Monitor Channel 3: Optical power in 0.1 µW units coded as 16 bit unsigned integer, Byte 80
is MSB. Tolerance is ± 3dB for -10 dBm to -1.0 dBm range.
82-83
all
RO
Rx Optical Input, Pave, Monitor Channel 2: Optical power in 0.1 µW units coded as 16 bit unsigned integer, Byte 82
is MSB. Tolerance is ± 3dB for -10 dBm to -1.0 dBm range.
84-85
all
RO
Rx Optical Input, Pave, Monitor Channel 1: Optical power in 0.1 µW units coded as 16 bit unsigned integer, Byte 84
is MSB. Tolerance is ± 3dB for -10 dBm to -1.0 dBm range.
86-87
all
RO
Rx Optical Input, Pave, Monitor Channel 0: Optical power in 0.1 µW units coded as 16 bit unsigned integer, Byte 86
is MSB. Tolerance is ± 3dB for -10 dBm to -1.0 dBm range.
88-89
all
RO
Elapsed (Power-on) Operating Time: Elapsed time in 2 hour units coded as 16 bit unsigned integer, Byte 88 is MSB,
Tolerance is ± 10%
90
all
RWv
Reserved: Coded 00h
91
7-1
RWv
Reserved: Coded 0000000b
91
0
RWv
Receiver Reset: Writing 1 return all registers except non-volatile RW to factory default values. Reads 0 after
operation.
92
7-4
RWv
Reserved: Coded 0000b
92
3
RWv
Rx Channel 11 Disable: Writing 1 deactivates the electrical output, Default is 0.
92
2
RWv
Rx Channel 10 Disable: Writing 1 deactivates the electrical output, Default is 0.
92
1
RWv
Rx Channel 9 Disable: Writing 1 deactivates the electrical output, Default is 0.
92
0
RWv
Rx Channel 8 Disable: Writing 1 deactivates the electrical output, Default is 0.
93
7
RWv
Rx Channel 7 Disable: Writing 1 deactivates the electrical output, Default is 0.
93
6
RWv
Rx Channel 6 Disable: Writing 1 deactivates the electrical output, Default is 0.
93
5
RWv
Rx Channel 5 Disable: Writing 1 deactivates the electrical output, Default is 0.
93
4
RWv
Rx Channel 4 Disable: Writing 1 deactivates the electrical output, Default is 0.
93
3
RWv
Rx Channel 3 Disable: Writing 1 deactivates the electrical output, Default is 0.
93
2
RWv
Rx Channel 2 Disable: Writing 1 deactivates the electrical output, Default is 0.
93
1
RWv
Rx Channel 1 Disable: Writing 1 deactivates the electrical output, Default is 0.
93
0
RWv
Rx Channel 0 Disable: Writing 1 deactivates the electrical output, Default is 0.
94
7-4
RWv
Reserved: Coded 0000b
94
3
RWv
Squelch Disable Channel 11: Writing 1 inhibits squelch for the channel, Default is 0.
94
2
RWv
Squelch Disable Channel 10: Writing 1 inhibits squelch for the channel, Default is 0.
94
1
RWv
Squelch Disable Channel 9: Writing 1 inhibits squelch for the channel, Default is 0.
94
0
RWv
Squelch Disable Channel 8: Writing 1 inhibits squelch for the channel, Default is 0.
95
7
RWv
Squelch Disable Channel 7: Writing 1 inhibits squelch for the channel, Default is 0.
95
6
RWv
Squelch Disable Channel 6: Writing 1 inhibits squelch for the channel, Default is 0.
95
5
RWv
Squelch Disable Channel 5: Writing 1 inhibits squelch for the channel, Default is 0.
95
4
RWv
Squelch Disable Channel 4: Writing 1 inhibits squelch for the channel, Default is 0.
95
3
RWv
Squelch Disable Channel 3: Writing 1 inhibits squelch for the channel, Default is 0.
95
2
RWv
Squelch Disable Channel 2: Writing 1 inhibits squelch for the channel, Default is 0.
95
1
RWv
Squelch Disable Channel 1: Writing 1 inhibits squelch for the channel, Default is 0.
95
0
RWv
Squelch Disable Channel 0: Writing 1 inhibits squelch for the channel, Default is 0.
96
7-6
RWv
Rate Select Channel 11: Write 00 for max. BW, 01 for SDR BW, rest reserved. Default is 00
96
5-4
RWv
Rate Select Channel 10: Write 00 for max. BW, 01 for SDR BW, rest reserved. Default is 00
96
3-2
RWv
Rate Select Channel 9: Write 00 for max. BW, 01 for SDR BW, rest reserved. Default is 00
96
1-0
RWv
Rate Select Channel 8: Write 00 for max. BW, 01 for SDR BW, rest reserved. Default is 00
97
7-6
RWv
Rate Select Channel 7: Write 00 for max. BW, 01 for SDR BW, rest reserved. Default is 00
97
5-4
RWv
Rate Select Channel 6: Write 00 for max. BW, 01 for SDR BW, rest reserved. Default is 00
97
3-2
RWv
Rate Select Channel 5: Write 00 for max. BW, 01 for SDR BW, rest reserved. Default is 00
97
1-0
RWv
Rate Select Channel 4: Write 00 for max. BW, 01 for SDR BW, rest reserved. Default is 00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com