Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFBR-810BZ Datasheet(PDF) 46 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-810BZ
Description  Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-810BZ Datasheet(HTML) 46 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFBR-810BZ Datasheet HTML 40Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 41Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 42Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 43Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 44Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 45Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 46Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 47Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 48Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 46 / 48 page
background image
46
Byte 133 Module Description Max Signal Rate per channel
Address
Field Name/Description
Byte
Code
133
00h
Unknown/unspecified
Max Signal Rate = binary value x 100 Mb/s
Byte 134 - 137 Module Description Wavelength & Tolerance
Address
Field Name/Description
Byte
Code
134-135
Nominal Center Wavelength: Wavelength in nm = binary value / 20, Coded 00b if unspecified/unused.
136-137
Wavelength Tolerance: Tolerance in nm = ± binary value / 200, Coded 00b if unspecified/unused.
Byte 138 Supported Functions – Flags/Actions
Address
Field Name/Description
Byte
Bit
Code
138
7
Coded 1 for Tx Fault Flag provided, else coded 0
6
Coded 1 for Tx LOS Flag provided, else coded 0
5
Coded 1 for Rx LOS Flag provided, else coded 0
4
Coded 1 for CDR LOL Flag provided, else coded 0
3
Coded 1 for Output Squelch for LOS provided, else coded 0
2
Coded 1 for Monitor Alarm & Warning Flags provided, coded 0 for Monitor Alarm Flags provided
1-0
Reserved
Byte 139 - 140 Supported Functions - Monitors
Address
Field Name/Description
Byte
Bit
Code
139
7
Coded 1 for Tx Bias Monitor, else coded 0
139
6
Coded 1 for Tx LOP Monitor, else coded 0
139
5
Coded 1 for individual Rx Input Power Monitors, coded 0 for single-channel or group monitor
139
4
Coded 1 for Rx Input Power reported as Pave, coded 0 for reported as OMA
139
3
Coded 1 for Case Temperature Monitor, else coded 0
139
2
Coded 1 for Internal Temperature Monitor, else coded 0
139
1
Coded 1 for Peak Temperature Monitor, else coded 0
139
0
Coded 1 for Elapsed Time Monitor, else coded 0
140
7
Coded 1 for BER Monitor, else coded 0
140
6
Coded 1 for Internal 3.3 V Vcc Monitor, else coded 0
140
5
Coded 1 for Internal 2.5 V Vcc Monitor, else coded 0
140
4
Coded 1 for Internal 1.8 V Vcc Monitor, else coded 0
140
3
Coded 1 for Internal Vo Vcc Monitor, else coded 0
140
2
Coded 1 for TEC current Monitor, else coded 0
140
1-0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com