Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFBR-810BZ Datasheet(PDF) 28 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-810BZ
Description  Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-810BZ Datasheet(HTML) 28 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFBR-810BZ Datasheet HTML 24Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 25Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 26Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 27Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 28Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 29Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 30Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 31Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 32Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
28
Address
Type
Field Name/Description
Byte
Bit
15
all
RO
Reserved: Coded 00h
16
7
RO
High Tx Bias Current Alarm Latched Channel 11: Coded 1 when asserted, Latched, Clears on Read.
16
6
RO
Low Tx Bias Current Alarm Latched Channel 11: Coded 1 when asserted, Latched, Clears on Read.
16
5-4
RO
Reserved
16
3
RO
High Tx Bias Current Alarm Latched Channel 10: Coded 1 when asserted, Latched, Clears on Read.
16
2
RO
Low Tx Bias Current Alarm Latched Channel 10: Coded 1 when asserted, Latched, Clears on Read.
16
1-0
RO
Reserved
17
7
RO
High Tx Bias Current Alarm Latched Channel 9: Coded 1 when asserted, Latched, Clears on Read.
17
6
RO
Low Tx Bias Current Alarm Latched Channel 9: Coded 1 when asserted, Latched, Clears on Read.
17
5-4
RO
Reserved
17
3
RO
High Tx Bias Current Alarm Latched Channel 8: Coded 1 when asserted, Latched, Clears on Read.
17
2
RO
Low Tx Bias Current Alarm Latched Channel 8: Coded 1 when asserted, Latched, Clears on Read.
17
1-0
RO
Reserved
18
7
RO
High Tx Bias Current Alarm Latched Channel 7: Coded 1 when asserted, Latched, Clears on Read.
18
6
RO
Low Tx Bias Current Alarm Latched Channel 7: Coded 1 when asserted, Latched, Clears on Read.
18
5-4
RO
Reserved
18
3
RO
High Tx Bias Current Alarm Latched Channel 6: Coded 1 when asserted, Latched, Clears on Read.
18
2
RO
Low Tx Bias Current Alarm Latched Channel 6: Coded 1 when asserted, Latched, Clears on Read.
18
1-0
RO
Reserved
19
7
RO
High Tx Bias Current Alarm Latched Channel 5: Coded 1 when asserted, Latched, Clears on Read.
19
6
RO
Low Tx Bias Current Alarm Latched Channel 5: Coded 1 when asserted, Latched, Clears on Read.
19
5-4
RO
Reserved
19
3
RO
High Tx Bias Current Alarm Latched Channel 4: Coded 1 when asserted, Latched, Clears on Read.
19
2
RO
Low Tx Bias Current Alarm Latched Channel 4: Coded 1 when asserted, Latched, Clears on Read.
19
1-0
RO
Reserved
20
7
RO
High Tx Bias Current Alarm Latched Channel 3: Coded 1 when asserted, Latched, Clears on Read.
20
6
RO
Low Tx Bias Current Alarm Latched Channel 3: Coded 1 when asserted, Latched, Clears on Read.
20
5-4
RO
Reserved
20
3
RO
High Tx Bias Current Alarm Latched Channel 2: Coded 1 when asserted, Latched, Clears on Read.
20
2
RO
Low Tx Bias Current Alarm Latched Channel 2: Coded 1 when asserted, Latched, Clears on Read.
20
1-0
RO
Reserved
21
7
RO
High Tx Bias Current Alarm Latched Channel 1: Coded 1 when asserted, Latched, Clears on Read.
21
6
RO
Low Tx Bias Current Alarm Latched Channel 1: Coded 1 when asserted, Latched, Clears on Read.
21
5-4
RO
Reserved
21
3
RO
High Tx Bias Current Alarm Latched Channel 0: Coded 1 when asserted, Latched, Clears on Read.
21
2
RO
Low Tx Bias Current Alarm Latched Channel 0: Coded 1 when asserted, Latched, Clears on Read.
21
1-0
RO
Reserved
22
7
RO
High Tx Power Alarm Latched Channel 11: Coded 1 when asserted, Latched, Clears on Read.
22
6
RO
Low Tx Power Alarm Latched Channel 11: Coded 1 when asserted, Latched, Clears on Read.
22
5-4
RO
Reserved
22
3
RO
High Tx Power Alarm Latched Channel 10: Coded 1 when asserted, Latched, Clears on Read.
22
2
RO
Low Tx Power Alarm Latched Channel 10: Coded 1 when asserted, Latched, Clears on Read.
22
1-0
RO
Reserved
23
7
RO
High Tx Power Alarm Latched Channel 9: Coded 1 when asserted, Latched, Clears on Read.
23
6
RO
Low Tx Power Alarm Latched Channel 9: Coded 1 when asserted, Latched, Clears on Read.
23
5-4
RO
Reserved
23
3
RO
High Tx Power Alarm Latched Channel 8: Coded 1 when asserted, Latched, Clears on Read.
23
2
RO
Low Tx Power Alarm Latched Channel 8: Coded 1 when asserted, Latched, Clears on Read.
23
1-0
RO
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com