Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFBR-810BZ Datasheet(PDF) 41 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-810BZ
Description  Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-810BZ Datasheet(HTML) 41 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFBR-810BZ Datasheet HTML 37Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 38Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 39Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 40Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 41Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 42Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 43Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 44Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 45Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
41
7. Rx Memory Map 00h Upper Page
Receiver serial id page 00h entries follow. Description of the registers can be found in Section 9 below.
Address
Contents
Type
Field Name/Description
Byte
Bit
Code
128
all
00h
RO
Type Identifier: Coded 00h for unspecified. See SFF-8472 for reference
129
all
01000000b
RO
Module Description: Coded for < 2.0 W
130
all
11000000b
RO
Required Power Supplies: Coded for 3.3V & 2.5V supplies
131
all
01010000b
RO
Max Recommended Operating Case Temperature in Degrees C: Coded for 80°C
132
all
00011001b
RO
Min Bit Rate in 100 Mb/s units: Coded for 2500 Mb/s
133
all
01100100b
RO
Max Bit Rate in 100 Mb/s units: Coded for 10000 Mb/s
134-135
all
00h
RO
Nominal Laser Wavelength (Wavelength in nm = value / 20): Coded 00h for Rx
136-137
all
00h
RO
Wavelength deviation from nominal (tolerance in nm = +/- value / 200): Coded 00h for Rx
138
all
00101000b
RO
Supported Flags/Actions: Coded for Rx LOS, Output Squelch for LOS, Alarm Flags
139
all
00110101b
RO
Supported Monitors: Coded for Rx Input, Pave, Internal Temp, Elapsed Time
140
all
01100000b
RO
Supported Monitors: Coded for 3.3V, 2.5V
141
all
10101000b
RO
Supported Controls: Coded for Ch Disable, Squelch Disable, Rate Select
142
all
10100011b
RO
Supported Controls: Coded for Rx Amplitude, Rx De-emphasis, Ch Polarity Flip, Addressing
143
all
00h
RO
Supported Functions
144-151
all
00h
RO
Reserved
152-167
all
41h 56h 41h
47h 4Fh 20h
20h x10
RO
Vendor Name in ASCII: Coded “AVAGO” for Avago Technologies, Spaces (20h) for unused
characters
168-170
all
00h 17h 6Ah
RO
Vendor OUI (IEEE ID): Coded “00h 17h 6Ah” for Avago Technologies
171-186
all
41h 46h 42h
52h 2Dh 37h
38h 36h 42h …
RO
Vendor Part Number in ASCII: AFBR-820B… where bytes 180 through 186 vary with selected
option, Spaces (20h) for unused characters
187-188
all
30h 32h
RO
Vendor Revision Number in ASCII: Coded “02”
189-204
all
RO
Vendor Serial Number (ASCII): Varies by unit
205-212
all
RO
Vendor Date Code YYYYMMDD (ASCII): Spaces (20h) for unused characters
213-222
all
RO
CLEI Code in ASCII: All spaces (20h) if unused
223
all
RO
Check sum addresses 128 through 222
224-255
all
RO
Vendor Specific: All zeroes if unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com