Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFBR-810BZ Datasheet(PDF) 45 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-810BZ
Description  Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-810BZ Datasheet(HTML) 45 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFBR-810BZ Datasheet HTML 40Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 41Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 42Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 43Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 44Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 45Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 46Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 47Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 48Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
45
9. Serial ID 00h Upper Page Description
Description of Serial id page 00h codes follows.
Byte 128 Module Type
Address
Field Name/Description
Byte
Code Module Type
128
Type Identifier: See SFF-8472 for reference, also SFP & XFP MSA, Coded 00h if unspecified.
Byte 129 Module Description
Address
Field Name/Description
Byte
Bit
Code
129
7-6
00b
Power Class 1: Module Power Consumption < 1.5 W
7-6
01b
Power Class 2: Module Power Consumption < 2.0 W
7-6
10b
Power Class 3: Module Power Consumption < 2.5 W
7-6
11b
Power Class 4: Module Power Consumption < 3.5 W
5
Coded 1 for Tx CDR provided; else coded 0
4
Coded 1 for Rx CDR provided; else coded 0
3
Coded 1 for Required Reference Clock; else coded 0
2
Coded 1 for Page 02 provided; else coded 0
1
Coded 1 for Controlled Launch Transmitter (TIA 492AAAC); else coded 0
0
Reserved
Byte 130 Module Description: Required Power Supplies
Address
Field Name/Description
Byte
Bit
Code
130
7
3.3 V, Coded 1 if required, else coded 0.
6
2.5 V, Coded 1 if required, else coded 0.
5
1.8 V, Coded 1 if required, else coded 0.
4
Vo Supply, Coded 1 if required, else coded 0.
3
Variable Supply, Coded 1 if required, else coded 0.
2-0
Reserved
Byte 131 Module Description: Max Recommended Operating Case Temperature
Address
Field Name/Description
Byte
Bit
Code
131
Max Tc = binary value x 1.0°C
Byte 132 Module Description Min Signal Rate per channel
Address
Field Name/Description
Byte
Code
132
00h
Unknown/unspecified
rest
Min Signal Rate = binary value x 100 Mb/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com