Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX463 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX463
Description  Two-Channel, Triple/Quad RGB Video Switches and Buffers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX463 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX463 Datasheet HTML 5Page - Maxim Integrated Products MAX463 Datasheet HTML 6Page - Maxim Integrated Products MAX463 Datasheet HTML 7Page - Maxim Integrated Products MAX463 Datasheet HTML 8Page - Maxim Integrated Products MAX463 Datasheet HTML 9Page - Maxim Integrated Products MAX463 Datasheet HTML 10Page - Maxim Integrated Products MAX463 Datasheet HTML 11Page - Maxim Integrated Products MAX463 Datasheet HTML 12Page - Maxim Integrated Products MAX463 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Two-Channel, Triple/Quad
RGB Video Switches and Buffers
_______________________________________________________________________________________
9
Driving Coaxial Cable
High-speed performance, excellent output current
capability, and an internally fixed gain of two make the
MAX465/MAX466/MAX469/MAX470 ideal for driving
50
Ω or 75Ω back-terminated coaxial cables. The
MAX465/MAX466/MAX469/MAX470 will drive a 150
Ω
load (75
Ω back-terminated cable) to ±2.5V.
The
Typical Operating Circuit shows the MAX465/MAX466
driving four back-terminated 75
Ω video cables. The
back-termination resistor (at each amplifier output) pro-
vides impedance matching at the driven end of the
cable to eliminate signal reflections. It forms a voltage
divider with the load impedance, which attenuates the
signal at the cable output by one-half. The amplifier
operates with an internal 2V/V closed-loop gain to pro-
vide unity gain at the cable’s output.
Driving Capacitive Loads
Driving large capacitive loads increases the likelihood
of oscillation in most amplifier circuits. This is especially
true for circuits with high loop-gains, like voltage follow-
ers. The amplifier’s output impedance and the capaci-
tive load form an RC filter that adds a pole to the loop
response. If the pole frequency is low enough, as
when driving a large capacitive load, the circuit phase
margin is degraded and oscillation may occur.
The MAX463–MAX470 phase margin and capacitive-
load driving performance are optimized by internal
compensation. When driving capacitive loads greater
than 50pF, connect an isolation resistor between the
amplifier output and the capacitive load, as shown in
Figure 3.
75
Ω CABLE
75
Ω CABLE
75
Ω CABLE
75
Ω CABLE
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω CABLE
75
Ω
75
Ω
150
Ω
SOURCE:
TEKTRONIX
1910 DIGITAL GENERATOR
MEASUREMENT:
TEKTRONIX VM700
VIDEO MEASUREMENT
SET
AV = 2
MAX469/MAX470
MAX467/MAX468
DUT
DUT
(a)
(b)
Figure 2. Differential Phase and Gain Error Test Circuits (a) for the MAX469/MAX470 Gain-of-Two Amplifiers, (b) for the
MAX467/MAX468 Unity-Gain Amplifiers
MAX468
AV = 1
12
Ω
100pF
OUT_
IN_
Figure 3a. Using an Isolation Resistor with a Capacitive Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com