Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX463 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX463
Description  Two-Channel, Triple/Quad RGB Video Switches and Buffers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX463 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX463 Datasheet HTML 8Page - Maxim Integrated Products MAX463 Datasheet HTML 9Page - Maxim Integrated Products MAX463 Datasheet HTML 10Page - Maxim Integrated Products MAX463 Datasheet HTML 11Page - Maxim Integrated Products MAX463 Datasheet HTML 12Page - Maxim Integrated Products MAX463 Datasheet HTML 13Page - Maxim Integrated Products MAX463 Datasheet HTML 14Page - Maxim Integrated Products MAX463 Datasheet HTML 15Page - Maxim Integrated Products MAX463 Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Figure 7. Higher-Order RGB + Sync Video Multiplexer
Two-Channel, Triple/Quad
RGB Video Switches and Buffers
______________________________________________________________________________________
13
MAX464
–5V
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
10
11
12
13
8
9
6
7
4
5
2
3
1
–5V
14
23
24
25
26
27
28
–5V
+5V
+5V
–5V
+5V
22
21
20
19
18
17
16
15
GND
IN3B
GND
IN2B
V–
IN1B
V–
IN0B
GND
IN3A
GND
IN2A
GND
IN1A
V–
CS
A0
EN
LE
IN0A
OUT0
V–
OUT1
GND
V+
OUT2
V+
OUT3
75
Ω
75
Ω
MAX464
–5V
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
10
11
12
13
8
9
6
7
4
5
2
3
1
–5V
14
23
24
25
26
27
28
–5V
+5V
+5V
–5V
+5V
22
21
20
19
18
17
16
15
GND
IN3B
GND
IN2B
V–
IN1B
V–
IN0B
GND
IN3A
GND
IN2A
GND
IN1A
V–
CS
A0
EN
LE
IN0A
OUT0
V–
OUT1
GND
V+
OUT2
V+
OUT3
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
MAX470
OUT0
OUT1
OUT2
OUT3
IN0
IN1
IN2
IN3
–5V
–5V
–5V
–5V
V+
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
V–
V–
V–
V–
V+
GND
GND
GND
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
FROM OTHER
MAX464s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com