Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX463 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX463
Description  Two-Channel, Triple/Quad RGB Video Switches and Buffers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX463 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX463 Datasheet HTML 1Page - Maxim Integrated Products MAX463 Datasheet HTML 2Page - Maxim Integrated Products MAX463 Datasheet HTML 3Page - Maxim Integrated Products MAX463 Datasheet HTML 4Page - Maxim Integrated Products MAX463 Datasheet HTML 5Page - Maxim Integrated Products MAX463 Datasheet HTML 6Page - Maxim Integrated Products MAX463 Datasheet HTML 7Page - Maxim Integrated Products MAX463 Datasheet HTML 8Page - Maxim Integrated Products MAX463 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
10k
100k
MAX468
GAIN AND PHASE RESPONSES
0
FREQUENCY (Hz)
1M
100M
–3
–2
–1
1
2
180
108
36
144
72
0
10M
GAIN
PHASE
1G
100k
MAX464
OUTPUT IMPEDANCE
vs. FREQUENCY
1
FREQUENCY (Hz)
1M
100M
0.01
0.1
10
100
10M
10k
1k
100k
MAX468
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
40
FREQUENCY (Hz)
1M
100M
10
20
30
50
60
10M
10k
V+
V–
Two-Channel, Triple/Quad
RGB Video Switches and Buffers
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(V+ = 5V, V- = -5V, -2V
≤ VIN ≤ +2V, RLOAD = 75Ω, unless otherwise noted.)
PARAMETER
SYMBOL
UNITS
Address Setup Time (Note 11)
tSU
CONDITIONS
TA = TMIN to TMAX
MIN
MAX
30
ns
E
—
N
–
, A0, C
—
S
–
, LE; MAX463–MAX466
30
Address Hold Time (Note 11)
tH
0
ns
E
—
N
–
, A0, C
—
S
–
, LE; MAX463–MAX466
0
C
—
S
–
Pulse Width Low (Note 11)
tCS
15
ns
E
—
N
–
, A0, C
—
S
–
, LE; MAX463–MAX466
15
Note 1: Voltage gain accuracy for the unity-gain devices is defined as [(VOUT - VIN) at VIN = 1V - (VOUT - VIN) at VIN = -1V]/2.
Note 2: Voltage gain accuracy for the gain-of-two devices is defined as [(VOUT/2 - VIN) at VIN = 1V - (VOUT/2 - VIN) at VIN = -1V]/2.
Note 3: Tested with a 3.58MHz sine wave of amplitude 40IRE superimposed on a linear ramp (0IRE to 100IRE), RL = 150Ω to ground.
Note 4: Tested with the selected input connected to ground through a 75
Ω resistor, and a 4VP-P sine wave at 10MHz driving adjacent input.
Note 5: Tested in the same manner as described in Note 4, but with all other inputs driven.
Note 6: Tested with LE = 0V, E
—
N
–
= V+, and all inputs driven with a 4VP-P, 10MHz sine wave.
Note 7: Measured from a channel switch command to measurable activity at the output.
Note 8: Measured from where the output begins to move to the point where it is well defined.
Note 9: Measured from a disable command to amplifier in a non-driving state.
Note 10: Measured from an enable command to the point where the output reaches 90% current out.
Note 11: Guaranteed by design.
TA = +25°C
MIN
TYP
MAX
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com