Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX463 Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX463
Description  Two-Channel, Triple/Quad RGB Video Switches and Buffers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX463 Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX463 Datasheet HTML 8Page - Maxim Integrated Products MAX463 Datasheet HTML 9Page - Maxim Integrated Products MAX463 Datasheet HTML 10Page - Maxim Integrated Products MAX463 Datasheet HTML 11Page - Maxim Integrated Products MAX463 Datasheet HTML 12Page - Maxim Integrated Products MAX463 Datasheet HTML 13Page - Maxim Integrated Products MAX463 Datasheet HTML 14Page - Maxim Integrated Products MAX463 Datasheet HTML 15Page - Maxim Integrated Products MAX463 Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Two-Channel, Triple/Quad
RGB Video Switches and Buffers
16
______________________________________________________________________________________
IN0A
IN0B
MAX465
MAX466
OUT0
LOGIC
MAX466
ONLY
IN1A
IN1B
OUT1
IN2A
IN2B
OUT2
IN3A
IN3B
OUT3
10µF
0.1µF
-5V
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
A0
10µF
0.1µF
+5V
AV = 2
AV = 2
AV = 2
AV = 2
__________Typical Operating Circuit
_Ordering Information (continued)
* Dice are specified at TA = +25°C, DC parameters only.
PART
TEMP. RANGE
PIN-PACKAGE
MAX464CNI
0°C to +70°C
28 Narrow Plastic DIP
MAX464CWI
0°C to +70°C
28 Wide SO
MAX464C/D
0°C to +70°C
Dice*
MAX464ENI
-40°C to +85°C
28 Narrow Plastic DIP
MAX465CNG
0°C to +70°C
24 Narrow Plastic DIP
MAX465CWG
0°C to +70°C
24 Wide SO
MAX465C/D
0°C to +70°C
Dice*
MAX465ENG
-40°C to +85°C
24 Narrow Plastic DIP
MAX465EWG
-40°C to +85°C
24 Wide SO
MAX467EWE
-40°C to +85°C
16 Wide SO
MAX467EPE
-40°C to +85°C
16 Plastic DIP
MAX467C/D
0°C to +70°C
Dice*
MAX467CWE
0°C to +70°C
16 Wide SO
MAX467CPE
0°C to +70°C
16 Plastic DIP
MAX466ENI
-40°C to +85°C
28 Narrow Plastic DIP
MAX466C/D
0°C to +70°C
Dice*
MAX466CWI
0°C to +70°C
28 Wide SO
MAX466CNI
0°C to +70°C
28 Narrow Plastic DIP
MAX470EPE
-40°C to +85°C
16 Plastic DIP
MAX470C/D
0°C to +70°C
Dice*
MAX470CWE
0°C to +70°C
16 Wide SO
MAX470CPE
0°C to +70°C
16 Plastic DIP
MAX469EWE
-40°C to +85°C
16 Wide SO
MAX469EPE
-40°C to +85°C
16 Plastic DIP
MAX469C/D
0°C to +70°C
Dice*
MAX469CWE
0°C to +70°C
16 Wide SO
MAX469CPE
0°C to +70°C
16 Plastic DIP
MAX468EPE
-40°C to +85°C
16 Plastic DIP
MAX468C/D
0°C to +70°C
Dice*
MAX468CWE
0°C to +70°C
16 Wide SO
MAX468CPE
0°C to +70°C
16 Plastic DIP
MAX464EWI
-40°C to +85°C
28 Wide SO
MAX466EWI
-40°C to +85°C
28 Wide SO
MAX468EWE
-40°C to +85°C
16 Wide SO
MAX470EWE
-40°C to +85°C
16 Wide SO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com