Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX463 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX463
Description  Two-Channel, Triple/Quad RGB Video Switches and Buffers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX463 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX463 Datasheet HTML 2Page - Maxim Integrated Products MAX463 Datasheet HTML 3Page - Maxim Integrated Products MAX463 Datasheet HTML 4Page - Maxim Integrated Products MAX463 Datasheet HTML 5Page - Maxim Integrated Products MAX463 Datasheet HTML 6Page - Maxim Integrated Products MAX463 Datasheet HTML 7Page - Maxim Integrated Products MAX463 Datasheet HTML 8Page - Maxim Integrated Products MAX463 Datasheet HTML 9Page - Maxim Integrated Products MAX463 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Two-Channel, Triple/Quad
RGB Video Switches and Buffers
6
_______________________________________________________________________________________
MAX464
SMALL-SIGNAL STEP RESPONSE
GND
GND
10ns/div
A: VIN,
100mV/div
B: VOUT,
100mV/div
MAX466
SMALL-SIGNAL STEP RESPONSE
GND
GND
10ns/div
A: VIN,
100mV/div
B: VOUT,
200mV/div
MAX464
LARGE-SIGNAL STEP RESPONSE
GND
GND
20ns/div
A: VIN,
2V/div
B: VOUT,
2V/div
MAX464
OUTPUT TRANSIENT WHEN SWITCHING
BETWEEN TWO GROUNDED INPUTS
50ns/div
A: CS,
5V/div
B: A0,
5V/div
C: OUT0,
100mV/div
GND
GND
GND
MAX466
LARGE-SIGNAL STEP RESPONSE
GND
GND
20ns/div
A: VIN,
1V/div
B: VOUT,
2V/div
MAX464
EN RESPONSE TIME
50ns/div
A: CS,
5V/div
B: EN,
5V/div
C: OUT3,
1V/div
GND
GND
GND
tOFF
tON
____________________________Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com