Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX463 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX463
Description  Two-Channel, Triple/Quad RGB Video Switches and Buffers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX463 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX463 Datasheet HTML 1Page - Maxim Integrated Products MAX463 Datasheet HTML 2Page - Maxim Integrated Products MAX463 Datasheet HTML 3Page - Maxim Integrated Products MAX463 Datasheet HTML 4Page - Maxim Integrated Products MAX463 Datasheet HTML 5Page - Maxim Integrated Products MAX463 Datasheet HTML 6Page - Maxim Integrated Products MAX463 Datasheet HTML 7Page - Maxim Integrated Products MAX463 Datasheet HTML 8Page - Maxim Integrated Products MAX463 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
_______________General Description
The MAX463–MAX470 series of two-channel,
triple/quad buffered video switches and video buffers
combines high-accuracy, unity-gain-stable amplifiers
with high-performance video switches. Fast switching
time and low differential gain and phase error make this
series of switches and buffers ideal for all video appli-
cations. The devices are all specified for ±5V supply
operation with inputs and outputs as high as ±2.5V
when driving 150
Ω loads (75Ω back-terminated cable).
Input capacitance is typically only 5pF, and channel-to-
channel crosstalk is better than 60dB, accomplished by
surrounding all inputs with AC ground pins. The on-
board amplifiers feature a 200V/µs slew rate (300V/µs
for AV = 2V/V amplifiers), and a bandwidth of 100MHz
(90MHz for AV = 2V/V buffers). Channel selection is
controlled by a single TTL-compatible input pin or by a
microprocessor interface, and channel switch time is
only 20ns.
For design flexibility, devices are offered with buffer-
amplifier gains of 1V/V or 2V/V for 75
Ω back-terminated
applications. Output amplifiers have a guaranteed out-
put swing of ±2V into 75
Ω.
Devices offered in this series are as follows:
________________________Applications
Broadcast-Quality Color-Signal Multiplexing
RGB Multiplexing
RGB Color Video Overlay Editors
RGB Color Video Security Systems
RGB Medical Imaging
Coaxial-Cable Line Drivers
____________________________Features
o 100MHz Unity-Gain Bandwidth
o 90MHz Bandwidth with 2V/V Gain
o 0.01%/0.03° Differential Gain/Phase Error
o Drives 50
Ω and 75Ω Back-Terminated Cable Directly
o Wide Output Swing:
±2V into 75
Ω
±2.5V into 150
Ω
o 300V/µs Slew Rate (2V/V gain)
o 20ns Channel Switching Time
o Logic Disable Mode:
High-Z Outputs
Reduced Power Consumption
o Outputs May Be Paralleled for Larger Networks
o 5pF Input Capacitance (channel on or off)
______________Ordering Information
Ordering Information continued on last page.
* Dice are specified at TA = +25°C, DC parameters only.
Two-Channel, Triple/Quad
RGB Video Switches and Buffers
________________________________________________________________
Maxim Integrated Products
1
TOP VIEW
Pin Configurations continued at end of data sheet.
IN0A
GND
IN1A
GND
IN2A
V-
V-
IN0B
GND
IN1B
GND
IN2B
DIP/SO
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
GND
LE
EN
A0
CS
V-
OUT0
V+
OUT1
GND
V+
OUT2
MAX463
MAX465
_________________Pin Configurations
Call toll free 1-800-998-8800 for free samples or literature.
PART
TEMP. RANGE
PIN-PACKAGE
MAX463CNG
0°C to +70°C
24 Narrow Plastic DIP
MAX463CWG
0°C to +70°C
24 Wide SO
MAX463C/D
0°C to +70°C
Dice*
PART
DESCRIPTION
VOLTAGE GAIN
(V/V)
MAX463
Triple RGB Switch & Buffer
1
MAX464
Quad RGB Switch & Buffer
1
MAX465
Triple RGB Switch & Buffer
2
MAX466
Quad RGB Switch & Buffer
2
MAX467
Triple Video Buffer
1
MAX468
Quad Video Buffer
1
MAX469
Triple Video Buffer
2
MAX470
Quad Video Buffer
2
MAX463ENG
24 Narrow Plastic DIP
MAX463EWG
-40°C to +85°C
24 Wide SO
-40°C to +85°C
19-0219; Rev 2; 6/94
Typical Operating Circuit appears at end of data sheet.
EVALUATION
KIT
MANUAL
FOLLOWS
DATA
SHEET


Similar Part No. - MAX463

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4630EPD MAXIM-MAX4630EPD Datasheet
324Kb / 16P
/-15kV ESD-Protected, Low-Voltage, Quad, SPST, CMOS Analog Switches
Rev 0; 7/00
MAX4630ESD MAXIM-MAX4630ESD Datasheet
324Kb / 16P
/-15kV ESD-Protected, Low-Voltage, Quad, SPST, CMOS Analog Switches
Rev 0; 7/00
MAX4630EUD MAXIM-MAX4630EUD Datasheet
324Kb / 16P
/-15kV ESD-Protected, Low-Voltage, Quad, SPST, CMOS Analog Switches
Rev 0; 7/00
MAX4631 MAXIM-MAX4631 Datasheet
207Kb / 16P
Fault-Protected, High-Voltage, Dual Analog Switches
Rev 0; 7/99
MAX4631CPE MAXIM-MAX4631CPE Datasheet
207Kb / 16P
Fault-Protected, High-Voltage, Dual Analog Switches
Rev 0; 7/99
More results

Similar Description - MAX463

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX498 MAXIM-MAX498 Datasheet
155Kb / 16P
Quad/Triple, SPDT, RGB Switches with 250MHz Video Buffer Amplifiers
Rev 0; 10/96
logo
Linear Technology
LT6550 LINER-LT6550 Datasheet
514Kb / 16P
3.3V Triple and Quad Video Amplifiers
logo
Fairchild Semiconductor
FMS6408 FAIRCHILD-FMS6408 Datasheet
250Kb / 9P
Triple Video Filter Driver for RGB and YUV Signals
logo
Zetex Semiconductors
ZXFVX ZETEX-ZXFVX Datasheet
298Kb / 10P
Quad, single, triple and dual video amplifiers
ZXFV201 ZETEX-ZXFV201_07 Datasheet
308Kb / 10P
Quad, single, triple and dual video amplifiers
logo
Maxim Integrated Produc...
MAX9583 MAXIM-MAX9583 Datasheet
339Kb / 15P
Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with DC-Coupled Input Buffers
Rev 3; 7/07
MAX9583_0710 MAXIM-MAX9583_0710 Datasheet
336Kb / 15P
Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with DC-Coupled Input Buffers
Rev 5; 10/07
MAX9584AUA MAXIM-MAX9584AUA Datasheet
342Kb / 15P
Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with DC-Coupled Input Buffers
Rev 5; 10/07
logo
Linear Technology
LT6550 LINER-LT6550_15 Datasheet
309Kb / 16P
3.3V Triple and Quad Video Amplifiers
LT6551 LINER-LT6551_15 Datasheet
309Kb / 16P
3.3V Triple and Quad Video Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com