Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX463 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX463
Description  Two-Channel, Triple/Quad RGB Video Switches and Buffers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX463 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX463 Datasheet HTML 1Page - Maxim Integrated Products MAX463 Datasheet HTML 2Page - Maxim Integrated Products MAX463 Datasheet HTML 3Page - Maxim Integrated Products MAX463 Datasheet HTML 4Page - Maxim Integrated Products MAX463 Datasheet HTML 5Page - Maxim Integrated Products MAX463 Datasheet HTML 6Page - Maxim Integrated Products MAX463 Datasheet HTML 7Page - Maxim Integrated Products MAX463 Datasheet HTML 8Page - Maxim Integrated Products MAX463 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Two-Channel, Triple/Quad
RGB Video Switches and Buffers
_______________________________________________________________________________________
5
100
VOLTAGE GAIN ACCURACY
vs. TEMPERATURE
TEMPERATURE (°C)
–25
0
50
25
75
–50
0.06
0.08
0.10
0.12
0.14
0.16
MAX465
MAX463
100
MAX463
DISABLED OUTPUT RESISTANCE
vs. TEMPERATURE
TEMPERATURE (°C)
–25
0
50
25
75
–50
200
250
300
350
400
100
MAX465
DISABLED OUTPUT RESISTANCE
vs. TEMPERATURE
TEMPERATURE (°C)
–25
0
50
25
75
–50
1.10
1.15
1.20
1.25
1.30
10
100
SUPPLY CURRENT PER AMPLIFIER
vs. TEMPERATURE
TEMPERATURE (°C)
20
15
–25
0
50
25
25
75
–50
0
30
5
I+
I–
10
100
DISABLED SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
20
15
–25
0
50
25
25
75
–50
35
30
40
I+
I–
4
–4
10
100
OUTPUT VOLTAGE SWING
vs. LOAD RESISTANCE
0
LOAD RESISTANCE (
)
Ω
1000
10000
–3
–2
–1
1
2
3
MAX463/4/7/8:VIN = 4V
MAX465/6/9/70:VIN = 2V
____________________________Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com