Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX463 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX463
Description  Two-Channel, Triple/Quad RGB Video Switches and Buffers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX463 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX463 Datasheet HTML 7Page - Maxim Integrated Products MAX463 Datasheet HTML 8Page - Maxim Integrated Products MAX463 Datasheet HTML 9Page - Maxim Integrated Products MAX463 Datasheet HTML 10Page - Maxim Integrated Products MAX463 Datasheet HTML 11Page - Maxim Integrated Products MAX463 Datasheet HTML 12Page - Maxim Integrated Products MAX463 Datasheet HTML 13Page - Maxim Integrated Products MAX463 Datasheet HTML 14Page - Maxim Integrated Products MAX463 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Two-Channel, Triple/Quad
RGB Video Switches and Buffers
______________________________________________________________________________________
11
When LE is connected to ground, the E
—
N
–
register is
transparent and independent of C
—
S
–
activity. This allows
all MAX463–MAX466 devices to be simultaneously shut
down, regardless of the C
—
S
–
input state. Simply connect
LE to ground and connect all E
—
N
–
inputs together (Figure
5a). For the MAX464 and MAX466, LE must be hard-
wired to either V+ or ground (rather than driving LE with
a gate) to prevent crosstalk from the digital inputs to
IN0A.
Another option for output disable is to connect LE to V+,
parallel the outputs of several MAX463-MAX466s, and use
E
—
N
–
to individually disable all devices but the one in use
(Figure 5b).
When the outputs are disabled, the off isolation from
the analog inputs to the amplifier outputs is typically
70dB at 10MHz, all inputs driven with a 4VP-P sine
wave and a 150
Ω load impedance. Figure 6 shows the
test circuits used to measure isolation and crosstalk.
Table 1a. Amplifier and Channel Selection
with LE = V+
Table 1b. Amplifier and Channel Selection
with LE = GND
Disables amplifiers. Outputs high-Z.
A0 register = channel B
1
1
0
Disables amplifiers. Outputs high-Z.
X
1
1
Enables amplifier outputs, latches A0
register, programs outputs to output A
or B, according to the setting of A0 at
C
—
S
–
's last edge.
X
0
1
Disables amplifiers. Outputs high-Z.
A0 register = channel A
0
1
0
Enables amplifier outputs.
Selects channel B.
1
0
0
Enables amplifier outputs.
Selects channel A.
0
0
0
FUNCTION
A0
E
—
N
–
C
—
S
–
Latches all input registers.
Changes nothing.
Enables amplifier outputs.
Selects channel B.
Enables amplifier outputs.
Selects channel A.
X
X
1
Disables amplifiers. Outputs high-Z.
X
1
0
1
0
0
0
0
0
FUNCTION
A0
E
—
N
–
C
—
S
–
MAX463–
MAX466
MAX463–
MAX466
MAX463–
MAX466
MAX463–
MAX466
SHUTDOWN
LE
LE
EN
EN
CS
EN
+5V
+5V
AO
LE
EN
CS
AO
LE
(a)
(b)
Figure 5. (a) Simultaneous Shutdown of all MAX463–MAX466, (b) Enable (
–
E
—
N
–
) Register Latched by
–
C
—
S
–
NOTE: ISOLATION RESISTORS,
IF REQUIRED, NOT SHOWN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com