Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLCC2LW6CT Datasheet(PDF) 6 Page - HB Electronic Components

Part # PLCC2LW6CT
Description  Device Outline
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

PLCC2LW6CT Datasheet(HTML) 6 Page - HB Electronic Components

Back Button PLCC2LW6CT Datasheet HTML 2Page - HB Electronic Components PLCC2LW6CT Datasheet HTML 3Page - HB Electronic Components PLCC2LW6CT Datasheet HTML 4Page - HB Electronic Components PLCC2LW6CT Datasheet HTML 5Page - HB Electronic Components PLCC2LW6CT Datasheet HTML 6Page - HB Electronic Components PLCC2LW6CT Datasheet HTML 7Page - HB Electronic Components PLCC2LW6CT Datasheet HTML 8Page - HB Electronic Components PLCC2LW6CT Datasheet HTML 9Page - HB Electronic Components PLCC2LW6CT Datasheet HTML 10Page - HB Electronic Components Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Diagram
wc6
wd1
wd2
wd3
wd4
wd8
wd7
wd6
wd5
we5
we6
we7
we8
we1
we2
we3
we4
wc1
wc2
wc3
wc4
wc5
wc10
wc9
wc8
wc7
wb1
wb2
wb3
wb4
wb8
wb7
wb6
wb5
wb9
wb10
wb11
wb12
0.27
0.29
0.31
0.33
0.35
0.37
0.27
0.29
0.31
0.33
0.35
0.37
0.39
wa2
wa3
wa8
wa9
wa14
wa20
wa4
wa5
wa10
wa15
wa19
wa18
wa17
wa16
wa11
wa1 wa7
wa6 wa12
wa13
0.25
0.25
9000K
13000K
7050K
6000K
5300K
4730K
Part No./型号:PLCC2LW6 CT
SMD SPECIFICATION
Hebei I.T. (Shanghai) Co., Ltd.
Http:
Page 6 of 12
// www.ledz.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com