Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLCC2LW6CT Datasheet(PDF) 7 Page - HB Electronic Components

Part # PLCC2LW6CT
Description  Device Outline
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

PLCC2LW6CT Datasheet(HTML) 7 Page - HB Electronic Components

Back Button PLCC2LW6CT Datasheet HTML 3Page - HB Electronic Components PLCC2LW6CT Datasheet HTML 4Page - HB Electronic Components PLCC2LW6CT Datasheet HTML 5Page - HB Electronic Components PLCC2LW6CT Datasheet HTML 6Page - HB Electronic Components PLCC2LW6CT Datasheet HTML 7Page - HB Electronic Components PLCC2LW6CT Datasheet HTML 8Page - HB Electronic Components PLCC2LW6CT Datasheet HTML 9Page - HB Electronic Components PLCC2LW6CT Datasheet HTML 10Page - HB Electronic Components PLCC2LW6CT Datasheet HTML 11Page - HB Electronic Components Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7、Typical electrical/optical characteristic curves/光电特性曲线:
Fig.4 相对亮度 Vs. 环境温度
-20
2.5
2.0
40
60
90
80
1.5
1.0
0.5
0
20
0
-40
Ambient Temperature TA ( )
℃
Fig.3 正向电流 Vs. 环境温度
Fig.2 相对亮度 Vs. 正向电流
2.6
2.5
50
40
Fig.1 正向电流 Vs. 正向电压
1.5
1.0
0
0.5
IF-Forward Current (mA)
0
20
10
3.6
3.2
3.4
30
40
50
30
20
10
0
50
3.0
2.8
Forward Voltage(V)
100
60
80
40
30
10
0
20
20
0
Ambient Temperature TA ( )
℃
40
2.0
Wavelength λ(nm)
0.8
0.6
0.2
0.4
600
500 550
450
400
0.0
350
1.0
650
850
800
750
700
Standard Eye Response Cruve
White
1.0
0.8
0.5
0
SPATIAL DISTRIBUTION
0.1
0.2
0.3
0.4
0.6
0.7
0.9
Part No./型号:PLCC2LW6 CT
SMD SPECIFICATION
Hebei I.T. (Shanghai) Co., Ltd.
Http:
Page 7 of 12
// www.ledz.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com