Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLCC2LW6CT Datasheet(PDF) 3 Page - HB Electronic Components

Part # PLCC2LW6CT
Description  Device Outline
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

PLCC2LW6CT Datasheet(HTML) 3 Page - HB Electronic Components

  PLCC2LW6CT Datasheet HTML 1Page - HB Electronic Components PLCC2LW6CT Datasheet HTML 2Page - HB Electronic Components PLCC2LW6CT Datasheet HTML 3Page - HB Electronic Components PLCC2LW6CT Datasheet HTML 4Page - HB Electronic Components PLCC2LW6CT Datasheet HTML 5Page - HB Electronic Components PLCC2LW6CT Datasheet HTML 6Page - HB Electronic Components PLCC2LW6CT Datasheet HTML 7Page - HB Electronic Components PLCC2LW6CT Datasheet HTML 8Page - HB Electronic Components PLCC2LW6CT Datasheet HTML 9Page - HB Electronic Components Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
6、Prohuct Ranks/产品分档范围:
Notes/备注:
Rank error/分档误差: VF:±0.10V,Iv:±15%
发光强度分档标准
电压分档标准
发光强度
Iv 值(mcd)
正向电压
V
B
F
B
值
(V)
IF=20mA
代表符号
IF=20mA
代表
符号
1520-1800
U1
2.80--2.90
N
1800-2130
U2
2.90--3.00
P
2130-2550
V1
3.00—3.10
Q
3.10—3.20
R
3.20—3.30
S
3.30—3.40
T
3.40—3.50
U
3.50—3.60
V
Part No./型号:PLCC2LW6 CT
SMD SPECIFICATION
Hebei I.T. (Shanghai) Co., Ltd.
Http:
Page 3 of 12
// www.ledz.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com