Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLCC2LW6CT Datasheet(PDF) 2 Page - HB Electronic Components

Part # PLCC2LW6CT
Description  Device Outline
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

PLCC2LW6CT Datasheet(HTML) 2 Page - HB Electronic Components

  PLCC2LW6CT Datasheet HTML 1Page - HB Electronic Components PLCC2LW6CT Datasheet HTML 2Page - HB Electronic Components PLCC2LW6CT Datasheet HTML 3Page - HB Electronic Components PLCC2LW6CT Datasheet HTML 4Page - HB Electronic Components PLCC2LW6CT Datasheet HTML 5Page - HB Electronic Components PLCC2LW6CT Datasheet HTML 6Page - HB Electronic Components PLCC2LW6CT Datasheet HTML 7Page - HB Electronic Components PLCC2LW6CT Datasheet HTML 8Page - HB Electronic Components PLCC2LW6CT Datasheet HTML 9Page - HB Electronic Components Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
4、Absolute maximum ratings/极限参数(Ta = 25℃)
:
Parameter 参数
Symbol 符号
Value 参数
Unit 单位
Power Dissipation 损耗功率
Pd
100
mW
Reverse Voltage 反向电压
VR
5
V
Pulse Current 正向峰值电流[1]
IFp
100
mA
Forward Current 正向工作电流
IFm
25
mA
Operating Temperature 工作温度范围
Topr
- 40 ~ +85
℃
Storage Temperature 储存温度范围
Tstr
- 40 ~ +100
℃
Notes/备注:
[1]. 0.1ms pulse width,1/10 Duty. /[1] 脉冲宽度0.1ms,占空比1/10。
5、Electrical and optical characteristics/光电参数(Ta = 25℃)
:
Value 参数[2]
Parameter
参数
Symbol
符号
Test
Condition
测试条件
Min.
Typ.
Max.
Unit 单位
Forward Voltage
正向电压
VF
IF = 20mA
——
3.2
3.6
V
Reverse Current
反向电流
IR
VR = 5V
——
——
30
μ
A
Color Correlated Temperature
色温
CCT
IF = 20mA
4730
——
13000
K
Luminous Intensity
发光强度
IV
IF = 20mA
1520
2200
——
mcd
Luminous Flux
光通量[1]
Flux
IF =20mA
6.0
——
9.0
lm
color rendering index
显色指数
Ra
IF = 20mA
70
——
——
——
Viewing Angle
发光指向角
2θ1/2
IF = 20mA
——
120
——
Deg.
Notes/备注:
[1] The test standard is the luminous intensity, and the luminous flux is for your
reference only./[1]本公司以发光强度为分档标准,光通量仅供参考。
[2] Tolerance 误差: VF:±0.10V,Iv/Flux:±15%,其它:±5%
Part No./型号:PLCC2LW6 CT
SMD SPECIFICATION
Hebei I.T. (Shanghai) Co., Ltd.
Http:
Page 2 of 12
// www.ledz.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com