Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLCC2LW6CT Datasheet(PDF) 1 Page - HB Electronic Components

Part # PLCC2LW6CT
Description  Device Outline
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

PLCC2LW6CT Datasheet(HTML) 1 Page - HB Electronic Components

  PLCC2LW6CT Datasheet HTML 1Page - HB Electronic Components PLCC2LW6CT Datasheet HTML 2Page - HB Electronic Components PLCC2LW6CT Datasheet HTML 3Page - HB Electronic Components PLCC2LW6CT Datasheet HTML 4Page - HB Electronic Components PLCC2LW6CT Datasheet HTML 5Page - HB Electronic Components PLCC2LW6CT Datasheet HTML 6Page - HB Electronic Components PLCC2LW6CT Datasheet HTML 7Page - HB Electronic Components PLCC2LW6CT Datasheet HTML 8Page - HB Electronic Components PLCC2LW6CT Datasheet HTML 9Page - HB Electronic Components Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Part No./型号:PLCC2LW6 CT
1、Features/特 征:
Emitting Color/发光颜色:White/白色
Lens Type/封装特性:Yellow Diffused/黄色散射
Device Outline/外形特征:3.5×2.8×1.9 (unit:mm)
HBM ESD:Class 2/人体抗静电指标:Class 2
Pb-Free/无铅
RoHS compliant/符合 RoHS 标准
2、Applications/应 用:
Backlight for Mobile,Machine Vision, LCD Display/手机、电话、显示屏背光源
Backlight in Dashboard and switch of Automive/汽车仪表盘、记程器背光源
3、Outline Dimensions/产品外形尺寸:
﹢
﹣
参考焊盘尺寸
﹢
﹣
Notes:(备注)
Tolerance is
0.1mm(公差 0.1mm)
SMD SPECIFICATION
Hebei I.T. (Shanghai) Co., Ltd.
Http:
Page 1 of 12
// www.ledz.com


Similar Part No. - PLCC2LW6CT

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
PLCC2LW3CT HB-PLCC2LW3CT Datasheet
114Kb / 5P
SMD
More results

Similar Description - PLCC2LW6CT

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2310CGN-HF A-POWER-AP2310CGN-HF Datasheet
99Kb / 4P
Simple Drive Requirement, Small Package Outline, Surface Mount Device
AP2310GN-HF A-POWER-AP2310GN-HF Datasheet
100Kb / 4P
Simple Drive Requirement, Small Package Outline, Surface Mount Device
AP2331GN-HF A-POWER-AP2331GN-HF Datasheet
64Kb / 4P
Simple Drive Requirement, Small Package Outline, Surface Mount Device
logo
Roithner LaserTechnik G...
HUUV-5102L ROITHNER-HUUV-5102L Datasheet
54Kb / 1P
device outline
HUWH-3101L ROITHNER-HUWH-3101L Datasheet
131Kb / 1P
device outline
HUWH-5101L ROITHNER-HUWH-5101L Datasheet
131Kb / 1P
device outline
logo
HB Electronic Component...
PLCC6MW3C-3C HB-PLCC6MW3C-3C Datasheet
1Mb / 9P
Device Outline
PLCC6MW6C-3C HB-PLCC6MW6C-3C Datasheet
1Mb / 8P
Device Outline
PLCC2835-W6-1W HB-PLCC2835-W6-1W Datasheet
1,017Kb / 7P
Device Outline
PLCC3014-W3-U HB-PLCC3014-W3-U Datasheet
781Kb / 11P
Device Outline
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com