Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLCC2LW6CT Datasheet(PDF) 8 Page - HB Electronic Components

Part # PLCC2LW6CT
Description  Device Outline
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

PLCC2LW6CT Datasheet(HTML) 8 Page - HB Electronic Components

Back Button PLCC2LW6CT Datasheet HTML 4Page - HB Electronic Components PLCC2LW6CT Datasheet HTML 5Page - HB Electronic Components PLCC2LW6CT Datasheet HTML 6Page - HB Electronic Components PLCC2LW6CT Datasheet HTML 7Page - HB Electronic Components PLCC2LW6CT Datasheet HTML 8Page - HB Electronic Components PLCC2LW6CT Datasheet HTML 9Page - HB Electronic Components PLCC2LW6CT Datasheet HTML 10Page - HB Electronic Components PLCC2LW6CT Datasheet HTML 11Page - HB Electronic Components PLCC2LW6CT Datasheet HTML 12Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8、Relibility Analysis/可靠性试验
8.1 Test Items And Results/测试项目和判据
No.
Item/项目
Test Condition/测试条件
Spec. /
引用标准
Q’ty/
数量
Time/
时间
Standard/判定
1
IR Reflow (Reflow
Soldering) /回流焊接
Tsld=220℃,10sec
GB/T 4937,
Ⅱ,2.2
20
2times
ALL PASS
2
Solder ability/可焊性
Tsld=235±5℃,3sec
GB/T 4937,
Ⅱ,2.1
20
1times
Over 95%
ALL PASS
3
Temperature Cycle/
高低温循环
-40℃—— 100℃
30min
~
30min
The cut is not more than 1 min
GB/T 4937,
Ⅲ,1
20
50cycles
ALL PASS
4
Moisture Resistance
Cyclic /湿热循环
25℃/12hr~ 55℃/12hr
95%RH
GB/T 4937,
Ⅲ,4
20
6cycles
ALL PASS
5
High Temperature
Storage /高温储存
Ta=100℃
GB/T 4937,
Ⅲ,2
20
1000hrs
ALL PASS
6
Low Temperature
Storage /低温储存
Ta=-40℃
GB/T 4937,
Ⅲ,2
20
1000hrs
ALL PASS
7
Steady State perating
Life /电耐久性
[1]
IF=20mA Ta=25℃
GB/T
18904.3
Part A
20
1000hrs
Lm decay <3%
注:[1] 光衰测试数据以光通量为准。
8.2 Criteria For Judging Damage/判断标准
Criteria for Judgement
/判断标准
Item/项目
Symbol/
符号
Test conditions
/测试条件
Min./最小值
Max./最大值
Luminous Intensity/亮度
Iv
IF=20mA
L.S.L *0.7
/
Forward Voltage/正向电压
VF
IF=20mA
/
U.S.L*1.1
Reverse current/反向电流
IR
VR=5v
/
U.S.L*2
*U.S.L.:Upper Standard Level / 上限
*L.S.L.:Lower Standard Level / 下限
9
、Notes/注意
9.1 Moisture Proof Packaging/ 防潮包装
9.1.1 LEDs need to package in mois ture proof bag. When moisture is absorbed into the SMT
Part No./型号:PLCC2LW6 CT
SMD SPECIFICATION
Hebei I.T. (Shanghai) Co., Ltd.
Http:
Page 8 of 12
// www.ledz.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com