Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLCC2LW6CT Datasheet(PDF) 9 Page - HB Electronic Components

Part # PLCC2LW6CT
Description  Device Outline
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

PLCC2LW6CT Datasheet(HTML) 9 Page - HB Electronic Components

Back Button PLCC2LW6CT Datasheet HTML 4Page - HB Electronic Components PLCC2LW6CT Datasheet HTML 5Page - HB Electronic Components PLCC2LW6CT Datasheet HTML 6Page - HB Electronic Components PLCC2LW6CT Datasheet HTML 7Page - HB Electronic Components PLCC2LW6CT Datasheet HTML 8Page - HB Electronic Components PLCC2LW6CT Datasheet HTML 9Page - HB Electronic Components PLCC2LW6CT Datasheet HTML 10Page - HB Electronic Components PLCC2LW6CT Datasheet HTML 11Page - HB Electronic Components PLCC2LW6CT Datasheet HTML 12Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9.1.2 Moisture proof function is in active. The moisture proof bag is made of an aluminum
moisture proof bag. A package of a moisture absorbent material (silica gel) is inserted into the
aluminum moisture proof bag. The silica gel turns the smashing from the transparent circular
spherical pellet.
防潮的作用是缓慢的。防潮袋使用铝防潮袋,并在铝防潮袋中放入潮气吸收材料(硅
胶干燥剂)。当硅胶干燥剂吸收潮气后,硅胶干燥剂从透明圆形球状颗粒变成粉碎物。
9.2 Storage Method/ 储存方式
9.2.1 Before opening the bag: The LEDs should be used within a year and kept at 30℃ or less and
60%RH or less. The moisture proof bag with absorbent material is needed when storing the
LEDs.
拆开包装袋之前:产品可以储存一年,但要求放置在温度低于30℃,湿度低于60%的环
境中;当存放产品时,必须放置在带有干燥剂的防潮容器中。
9.2.2 After opening the bag: The LEDs should be soldered within 24 hours after opening the
package. If unused LEDs remain, they should be stored in moisture proof bags with moisture
absorbent material. It recommended that the user use the LEDs as soon as possible.
If the
LEDs have exceeded the storage time or the moisture absorbent material has faded away. Baking
process should be performed by using more than 24hours baking at 60±5℃ before using LEDs.
拆开包装袋之后:产品应该在拆封后的24小时内焊接完毕;如果没用完,产品应该储
存在带有干燥剂的防潮包装袋中;建议客户尽快的使用完产品;如果产品超出了使用期限
或者干燥剂失效,那么产品在使用前必须在60±5℃中烘烤至少24小时。
√正确
X错误
产品必须包封装在防潮包装袋中。当湿气进入防潮包装袋的时候,在焊接时,湿气会
受热汽化膨胀,从而可能影响产品的光学特性,甚至造成封装胶体的开裂剥离。因此,防
潮袋要求放置在保持低湿度的盒中。
package it may vaporize and expand during soldering. There is a possibility that this can cause
exfoliation of the contacts and damage to the optical characteristics of the LEDs. For this reason,
the moisture proof bag is used to keep moisture to a minimum in the bag.
Part No./型号:PLCC2LW6 CT
SMD SPECIFICATION
Hebei I.T. (Shanghai) Co., Ltd.
Http:
Page 9 of 12
// www.ledz.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com