Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLCC2LW6CT Datasheet(PDF) 11 Page - HB Electronic Components

Part # PLCC2LW6CT
Description  Device Outline
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

PLCC2LW6CT Datasheet(HTML) 11 Page - HB Electronic Components

Back Button PLCC2LW6CT Datasheet HTML 4Page - HB Electronic Components PLCC2LW6CT Datasheet HTML 5Page - HB Electronic Components PLCC2LW6CT Datasheet HTML 6Page - HB Electronic Components PLCC2LW6CT Datasheet HTML 7Page - HB Electronic Components PLCC2LW6CT Datasheet HTML 8Page - HB Electronic Components PLCC2LW6CT Datasheet HTML 9Page - HB Electronic Components PLCC2LW6CT Datasheet HTML 10Page - HB Electronic Components PLCC2LW6CT Datasheet HTML 11Page - HB Electronic Components PLCC2LW6CT Datasheet HTML 12Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
9.5 Cleaning/ 清洗
It is recommended that isopropyl alcohol be used as a solvent for cleaning the LEDs. It
should be confirmed beforehand whether the solvents will dissolve the package the resin or not
when using other solvents. Before cleaning, a pre-test should be done to confirm whether any
damage to the LEDs will occur. Please do not clean the LEDs by the ultrasonic.
建议使用酒精作为溶剂清洗LED。若要使用其他溶剂,应该预先证实是否能溶化封装
料。在清洗作业前,必须预先实验确认对LEDS无任何的伤害。请不要使用超声波清洗LED。
9.6 Static Electricity/ 静电
It is recommended that a wrist band or an anti-electrostatic glove be used when handling the
LEDs. All devices, equipment and machinery must be properly grounded. It is recommended that
precautions be taken against surge voltage to the equipment that mounts the LEDs.
在接触LED时,建议使用防静电手腕带或防静电手套。所有的器件、设备和机器必须
有可靠的接地。对所有LED接触的设备,建议采取预防措施消除冲击电压。
9.7 Others/ 其他
1. The LED light output is strong enough to injure human eyes. Precautions must be taken
to prevent looking directly at the LEDs with unaided eyes for more than a few seconds.
LED的光辐射足够强时,会对人眼造成伤害。若眼睛要直接看LED,并且要一定的时
间,则必须采取相应防护措施。
2. LED operating environment and sulfur element composition cannot be over 100PPM in
the LED mating usage material.
LED工作环境及与LED适配的材料中硫元素及化合物成份不可超过100PPM。
3. Not suitable to operate in acidic environment, PH<7
LED不可用在PH<7的酸性环境。
4. When we need to use external glue for LED application products, please make sure that
the external gluematches the LED packaging glue. Additionally ,as most of LED packaging glue
is silica gel, and it has strong Oxygen permeability as well as strong moisture permeability; in
order to prevent external material from getting into the inside of LED, which may cause the
Part No./型号:PLCC2LW6 CT
SMD SPECIFICATION
Hebei I.T. (Shanghai) Co., Ltd.
Http:
Page 11 of 12
// www.ledz.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com