Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6502MA/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6502MA/NOPB
Description  LMH6502 Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH6502MA/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LMH6502MA/NOPB Datasheet HTML 1Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 2Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 3Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
+0.2VDC
+VIN
-VIN
RF IN
R2
50:
RG
820:
R1
50:
C1
0.01PF
+5V
-5V
0V
DC
RT
50:
RP1
10k:
RF
910:
ROUT
50:
RL
50:
2
VG
+
-
LMH6502
PORT 1
PORT 2
LMH6502
www.ti.com
SNOSA65D – OCTOBER 2003 – REVISED MARCH 2013
Electrical Characteristics
(1)
Unless otherwise specified, all limits specified for TJ = 25°C, VS = ±5V, AV(MAX) = 10, VCM = 0V, RF = 1kΩ, RG = 174Ω, VIN_DIFF
= ±0.1V, RL = 100Ω, VG = +2V. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min(2)
Typ(2)
Max(2)
Units
Frequency Domain Response
BW
-3dB Bandwidth
VOUT < 0.5PP
130
MHz
VOUT < 0.5PP, AV(MAX) = 100
50
GF
Gain Flatness
VOUT < 0.5VPP
30
MHz
0.6V
≤ VG ≤ 2V, ±0.3dB
Att Range
Flat Band (Relative to Max Gain)
±0.2dB, f < 30MHz
16
dB
Attenuation Range(3)
±0.1dB, f < 30MHz
7.5
BW
Gain control Bandwidth
VG = 1V
(4)
100
MHz
Control
PL
Linear Phase Deviation
DC to 60MHz
1.5
deg
G Delay
Group Delay
DC to 130MHz
2.5
ns
CT (dB)
Feed-through
VG = 0V, 30MHz (Output
−47
dB
Referred)
GR
Gain Adjustment Range
f < 10MHz
72
dB
f < 30MHz
67
Time Domain Response
tr, tf
Rise and Fall Time
0.5V Step
2.2
ns
OS %
Overshoot
0.5V Step
10
%
SR
Slew Rate
4V Step
1800
V/
μs
Δ G Rate
Gain Change Rate
VIN = 0.3V, 10%-90% of Final
4.8
dB/ns
Output
Distortion & Noise Performance
HD2
2nd Harmonic Distortion
2VPP, 20MHz
−55
dBc
HD3
3rd Harmonic Distortion
2VPP, 20MHz
−57
dBc
THD
Total Harmonic Distortion
2VPP, 20MHz
−53
dBc
En tot
Total Equivalent Input Noise
1MHz to 150MHz
7.7
nV/
√Hz
IN
Input Noise Current
1MHz to 150MHz
2.4
pA/
√Hz
DG
Differential Gain
f = 4.43MHz, RL = 150Ω, Neg.
0.34
%
Sync
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No ensurance of parametric performance is indicated in the electrical tables under
conditions of internal self-heating where TJ > TA.
(2)
Typical values represent the most likely parametric norm. Bold numbers refer to over temperature limits.
(3)
Flat Band Attenuation (Relative to Max Gain) Range Definition: Specified as the attenuation range from maximum which allows gain
flatness specified (either ±0.2dB or ±0.1dB) relative to AVMAX gain. For example, for f < 30MHz, here are the Flat Band Attenuation
ranges:
±0.2dB
20dB down to 4dB = 16dB range
±0.1dB
20dB down to 12.5 dB = 7.5dB range
(4)
Gain Control Frequency Response Schematic:
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMH6502



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com