Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6502MA/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6502MA/NOPB
Description  LMH6502 Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH6502MA/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LMH6502MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 9Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 10Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 11Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 12Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 13Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 14Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 15Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
100
1k
10k
100k
1M
FREQUENCY (Hz)
10
100
1000
10000
MAX GAIN
MID GAIN
NO GAIN
AVMAX = 10
RF = 1k:
RG = 180:
10
100
1k
10k
1M
FREQUENCY (Hz)
10
100
10k
100k
100k
1k
MAX GAIN
MID GAIN
NO GAIN
AVMAX = 100
RF = 2k:
RG = 24:
10
1k
100k
10M
10
100
10000
100000
1M
10k
100
1000
FREQUENCY (Hz)
VGMAX
VGMID
VGMIN
AVMAX = 2
RF = 974:
RG = 902:
2.5
3
3.5
4
4.5
5
5.5
6
6.5
±VS (V)
0
50
100
150
200
250
MAX
MID
MIN
2.5
3
3.5
4
4.5
5
5.5
6
6.5
±VS (V)
-120
-100
-80
-60
-40
-20
0
MAX
MID
MIN
2.5
3
3.5
4
4.5
5
5.5
6
6.5
±VS (V)
-10
-5
0
5
10
15
20
25
MAX
MIN
MID
LMH6502
SNOSA65D – OCTOBER 2003 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified: VS = ±5V, 25°C, VG = VGMAX, VCM = 0V, RF = 1kΩ, RG = 174Ω, both inputs terminated in 50Ω, RL
= 100
Ω, Typical values, results referred to device output.
Output Offset Voltage vs. ±VS for various VG
Output Offset Voltage vs. ±VS for various VG
(Typical Unit# 1)
(Typical Unit# 2)
Figure 39.
Figure 40.
Output Offset Voltage vs. ±VS for various VG
(Typical Unit# 3)
Noise vs. Frequency (AVMAX = 2)
Figure 41.
Figure 42.
Noise vs. Frequency (AVMAX = 10)
Noise vs. Frequency (AVMAX = 105)
Figure 43.
Figure 44.
12
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LMH6502



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com