Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6502MA/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6502MA/NOPB
Description  LMH6502 Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH6502MA/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMH6502MA/NOPB Datasheet HTML 2Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 3Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 9Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
1
1k
100k
10M
1G
FREQUENCY (Hz)
-7
-5
-2
100M
1M
10k
0
-1
-3
-4
-8
-6
-9
1.1V
0.3V
0.1V
1.1V
0.3V
0.1V
GAIN
PHASE
AVMAX = 10
VS = ±2.5V
40
0
-40
-80
-120
-160
SEE NOTE 12
f (25 MHz/DIV)
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
-270
-225
-180
-135
-90
-45
0
45
90
135
180
2
3
GAIN
PHASE
AVMAX
RF (k:)
100
10
2
2k:
1k:
2k:
100
10
2
SEE NOTE 12
225
270
0.5VPP
1
1k
100k
10M
1G
FREQUENCY (Hz)
-9
-6
100M
1M
10k
0
-1
-4
-5
-7
-2
-3
-8
150
-350
-200
100
50
-100
-150
-250
0
-50
-300
GAIN
PHASE
-40°C
85°C
25°C
-40°C
85°C
25°C
AVMAX = 10
VG = VGMAX
VO = 0.5VPP
SEE NOTE 11
1
1k
100k
10M
1G
FREQUENCY (Hz)
-9
-6
100M
1M
10k
0
-1
-4
-5
-7
-2
-3
-8
40
-160
-100
20
0
-60
-80
-120
-40
-140
GAIN
PHASE
0.80V
2.1V
1.0V
2.1V
0.80V
1.0V
AVMAX = 10
SEE NOTE 12
-20
FREQUENCY (Hz)
SEE NOTE 12
AVMAX = 2
PIN = -8dBm
PHASE
GAIN
2.0V
1.0V
2.0V
-7
-4
-1
1
-5
-2
-3
0
-6
-100
50
150
-150
0
-50
100
-200
-250
1.0V
100
1k
10k
100k 1M
10M 100M 1G
FREQUENCY (Hz)
SEE NOTE 12
AVMAX = 2
PIN = 12dBm
PHASE
GAIN
2.0V
1.0V
2.0V
-7
-4
-1
1
-5
-2
-3
0
-6
-100
50
150
-150
0
-50
100
-200
-250
1.0V
100
1k
10k 100k 1M
10M 100M 1G
LMH6502
SNOSA65D – OCTOBER 2003 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics
Unless otherwise specified: VS = ±5V, 25°C, VG = VGMAX, VCM = 0V, RF = 1kΩ, RG = 174Ω, both inputs terminated in 50Ω, RL
= 100
Ω, Typical values, results referred to device output.
Small Signal Frequency for Various VG
Large Signal Frequency for Various VG
Figure 3.
Figure 4.
Frequency Response Over Temperature (AV = 10)
Frequency Response for Various VG (AVMAX = 10)
Figure 5.
Figure 6.
Frequency Response for Various VG (AVMAX = 10)
(±2.5V)
Small Signal Frequency Response for Various AVMAX
Figure 7.
Figure 8.
6
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LMH6502



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com