Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6502MA/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6502MA/NOPB
Description  LMH6502 Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH6502MA/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMH6502MA/NOPB Datasheet HTML 3Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 9Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 10Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
2.5
3
3.5
4
4.5
5
5.5
6
±SUPPLY VOLTAGES (V)
0
2
4
6
8
10
12
14
-40°C
25°C
85°C
2.5
3
3.5
4
4.5
5
5.5
6
0
5
10
15
20
25
30
35
40
±SUPPLY VOLTAGE (V)
-40°C
85°C
25°C
RL = OPEN
VG = VG_MIN
2.5
3
3.5
4
4.5
5
5.5
6
0
5
10
15
20
25
30
35
40
45
±SUPPLY VOLTAGE (V)
85°C
25°C
-40°C
RL = OPEN
VG = VG_MAX
-8
-7
-6
-5
-4
-3
-2
-1
0
1
f (10 MHz/DIV)
GAIN
PHASE
2.0V
0.60V
0.4V
AVMAX = 100
PIN = -22dBm
SEE NOTE 12
-120
-100
-80
-60
-40
-20
0
20
40
60
-8
-7
-6
-5
-4
-3
-2
-1
0
1
f (10 MHz/DIV)
GAIN
PHASE
2.0V
0.60V
0.4V
AVMAX = 100
PIN = -42dBm
SEE NOTE 12
-120
-100
-80
-60
-40
-20
0
20
40
60
f (25 MHz/DIV)
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
-270
-225
-180
-135
-90
-45
0
45
90
135
180
2
3
GAIN
PHASE
AVMAX
RF (k:)
100
10
2
2k:
1k:
2k:
100
10
2
SEE NOTE 12
225
270
5VPP
LMH6502
www.ti.com
SNOSA65D – OCTOBER 2003 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Unless otherwise specified: VS = ±5V, 25°C, VG = VGMAX, VCM = 0V, RF = 1kΩ, RG = 174Ω, both inputs terminated in 50Ω, RL
= 100
Ω, Typical values, results referred to device output.
Frequency Response for Various VG (AVMAX= 105)
Large Signal Frequency Response for Various AVMAX
(Small Signal)
Figure 9.
Figure 10.
Frequency Response for Various VG (AVMAX= 105)
(Large Signal)
IS vs. VS
Figure 11.
Figure 12.
IS vs. VS
Input Bias Current vs. VS
Figure 13.
Figure 14.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMH6502



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com