Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6502MA/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6502MA/NOPB
Description  LMH6502 Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH6502MA/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMH6502MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 9Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 10Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 11Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 12Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 13Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
10
100
1k
2k
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
2.1
RG (:)
RF = 477:
RF = 690:
RF = 1.3k:
RF = 6.18k:
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
2
-80
-70
-60
-50
-40
-30
-10
0
20
30
VG (V)
10
-20
MAX VALUE
MIN VALUE
VIN_DIFF = ±0.1V
GAIN (TYPICAL)
0
5M 10M 15M 20M 25M 30M 35M 40M
FREQUENCY (Hz)
2.00
2.10
2.20
2.30
2.40
2.50
2.60
VG = VGMAX
AVMAX = 10
-40
-20
10
30
100
10k
10M
100M
1M
100k
1k
-30
-10
0
20
RF = 1k:
RG = 170
PIN = -10dBm
VG VARIED
±0.1dB
±0.2dB
GAIN (dB)
100
10k
-120
-60
0
60
10M
100k
1k
200M
FREQUENCY (Hz)
1M
-100
-80
-40
-20
20
40
AVMAX = 2
AVMAX =10
AVMAX = 100
0
6M
12M
18M
24M
30M
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
FREQUENCY (Hz)
-1.6
-1.2
-0.8
-0.4
0
0.4
0.8
1.2
1.6
2
2.4
GAIN
PHASE
2.1V
1.0V
0.80V
0.80V
1.0V
2.1V
SEE NOTE 12
LMH6502
SNOSA65D – OCTOBER 2003 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified: VS = ±5V, 25°C, VG = VGMAX, VCM = 0V, RF = 1kΩ, RG = 174Ω, both inputs terminated in 50Ω, RL
= 100
Ω, Typical values, results referred to device output.
Feed through Isolation
Gain Flatness and Linear Phase Deviation vs. VG
Figure 27.
Figure 28.
Gain Flatness Frequency vs. Gain(1)
Group Delay vs. Frequency
Figure 29.
Figure 30.
K Factor vs. RG
Gain vs. VG Including Limits
Figure 31.
Figure 32.
(1)
Flat Band Attenuation (Relative to Max Gain) Range Definition: Specified as the attenuation range from maximum which allows gain
flatness specified (either ±0.2dB or ±0.1dB) relative to AVMAX gain. For example, for f < 30MHz, here are the Flat Band Attenuation
ranges:
±0.2dB
20dB down to 4dB = 16dB range
±0.1dB
20dB down to 12.5 dB = 7.5dB range
10
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LMH6502



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com