Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6502MA/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6502MA/NOPB
Description  LMH6502 Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH6502MA/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LMH6502MA/NOPB Datasheet HTML 12Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 13Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 14Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 15Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 16Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 17Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 18Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 19Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
RG =
RF x 1.72
AVMAX
- 3: WITH RF = 1K:
LMH6502
SNOSA65D – OCTOBER 2003 – REVISED MARCH 2013
www.ti.com
APPLICATION INFORMATION
THEORY OF OPERATION
A simplified schematic is shown in Figure 58. +VIN and −VIN are buffered with closed loop voltage followers
inducing a signal current in Rg proportional to (+VIN) - (−VIN), the differential input voltage. This current controls a
current source which supplies two well-matched transistor, Q1 and Q2.
The current flowing through Q2 is converted to the final output voltage using RF and the output amplifier, U1. By
changing the fraction of the signal current "I" which flows through Q2, the gain is changed. This is done by
changing the voltage applied differentially to the bases of Q1 and Q2. For example, with VG = 0V, Q1 conducts
heavily and Q2 is off. With none of "I" flowing through RF, the LMH6502's input to output gain is strongly
attenuated. With VG = +2V, Q1 is off and the entire signal current flows through Q2 to RF producing maximum
gain. With VG set to 1V, the bases of Q1 and Q2 are set to approximately the same voltage, Q1 and Q2 have the
same collector currents - equal to one half of the signal current "I", thus the gain is approximately one half the
maximum gain.
Figure 58. LMH6502 Block Diagram
CHOOSING RF & RG
Maximum input amplitude and maximum gain are the two key specifications that determine component values in
a LMH6502 application.
The output stage op amp is a current-feedback type amplifier optimized for RF = 1kΩ. RG can then be computed
as:
(1)
To determine whether the maximum input amplitude will overdrive the LMH6502, compute:
VDMAX = (RG + 3.0Ω) × 1.70mA
(2)
the maximum differential input voltage for linear operation. If the maximum input amplitude exceeds the above
VDMAX limit, then LMH6502 should either be moved to a location in the signal chain where input amplitudes are
reduced, or the LMH6502 gain AVMAX should be reduced or the values for RG and RF should be increased. The
overall system performance impact is different based on the choice made. If the input amplitude is reduced, re-
compute the impact on signal-to-noise ratio. If AVMAX is reduced, post LMH6502 amplifier gain, should be
increased, or another gain stage added to make up for reduced system gain. To increase RG and RF, compute
the lowest acceptable value for RG:
RG > 590 × VDMAX - 3Ω
(3)
Operating with RG larger than this value insures linear operation of the input buffers.
RF may be computed from selected RG and AVMAX: RF should be > = 1kΩ for overall best performance, however
RF < 1kΩ can be implemented if necessary using a loop gain reducing resistor to ground on the inverting
summing node of the output amplifier (see application note OA-13 (SNOA366) for details).
16
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LMH6502



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com