Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6502MA/NOPB Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6502MA/NOPB
Description  LMH6502 Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH6502MA/NOPB Datasheet(HTML) 19 Page - Texas Instruments

Back Button LMH6502MA/NOPB Datasheet HTML 15Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 16Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 17Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 18Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 19Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 20Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 21Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 22Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
+
-
R1
510:
RG
160:
LMH6502
VOUT
COUT
0.1µF
ROUT
50:
RF
1k:
3
2
7
6
1
12
14
11
9
8
10
13
C1
0.1µF
R2
510:
VS
VS/2
VG
+
-
+VIN
-VIN
R1
510:
RG
180:
R3
2k:
LMH6502
R4
2k:
VOUT
COUT
0.1µF
ROUT
50:
RF
1k:
3
2
7
6
1
12
14
11
9
8
10
13
VG
C1
0.1µF
R2
510:
VS
VS/2
LMH6502
www.ti.com
SNOSA65D – OCTOBER 2003 – REVISED MARCH 2013
SINGLE SUPPLY OPERATION
It is possible to operate the LMH6502 with a single supply. To do so, tie pin 11 (GND) to a potential about mid
point between V+ and V−. Two examples are shown in Figure 61 & Figure 62.
Figure 61. AC Coupled Single Supply VGA
Figure 62. Transformer Coupled Single Supply VGA
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LMH6502



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com