Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6502MA/NOPB Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6502MA/NOPB
Description  LMH6502 Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH6502MA/NOPB Datasheet(HTML) 18 Page - Texas Instruments

Back Button LMH6502MA/NOPB Datasheet HTML 14Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 15Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 16Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 17Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 18Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 19Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 20Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 21Page - Texas Instruments LMH6502MA/NOPB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
100
1k
10k
100k
1M
FREQUENCY (Hz)
10
100
1000
10000
MAX GAIN
MID GAIN
NO GAIN
AVMAX = 10
RF = 1k:
RG = 180:
VRMS = ein * 1.57 * (-3dB BANDWIDTH)
LMH6502
SNOSA65D – OCTOBER 2003 – REVISED MARCH 2013
www.ti.com
(5)
Figure 60. Output Referred Voltage Noise vs. Frequency
CIRCUIT LAYOUT CONSIDERATIONS & EVALUATION BOARD
A good high frequency PCB layout including ground plane construction and power supply bypassing close to the
package are critical to achieving full performance. The amplifier is sensitive to stray capacitance to ground at the
I− input (pin 12); keep node trace area small. Shunt capacitance across the feedback resistor should not be used
to compensate for this effect. For best performance at low maximum gains (AVMAX < 10) +RG and -RG
connections should be treated in a similar fashion. Capacitance to ground should be minimized by removing the
ground plane from under the body of RG.. Parasitic or load capacitance directly on the output (pin 10) degrades
phase margin leading to frequency response peaking.
The LMH6502 is fully stable when driving a 100
Ω load. With reduced load (e.g. 1kΩ) there is a possibility of
instability at very high frequencies beyond 400MHz especially with a capacitive load. When the LMH6502 is
connected to a light load as such, it is recommended to add a snubber network to the output (e.g. 100
Ω and
39pF in series tied between the LMH6502 output and ground). CL can also be isolated from the output by placing
a small resistor in series with the output (pin 10).
Component parasitics also influence high frequency results. Therefore it is recommended to use metal film
resistors such as RN55D or leadless components such as surface mount devices. High profile sockets are not
recommended.
Texas Instruments suggests the following evaluation boards as a guide for high frequency layout and as an aid in
device testing and characterization:
Device
Package
Evaluation Board Part Number
LMH6502MA
SOIC
LMH730033
18
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LMH6502



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com