Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM385 Datasheet(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  281 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM385 Datasheet(HTML) 60 Page - Texas Instruments

Back Button DM385 Datasheet HTML 56Page - Texas Instruments DM385 Datasheet HTML 57Page - Texas Instruments DM385 Datasheet HTML 58Page - Texas Instruments DM385 Datasheet HTML 59Page - Texas Instruments DM385 Datasheet HTML 60Page - Texas Instruments DM385 Datasheet HTML 61Page - Texas Instruments DM385 Datasheet HTML 62Page - Texas Instruments DM385 Datasheet HTML 63Page - Texas Instruments DM385 Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 281 page
background image
DM385, DM388
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
www.ti.com
Table 3-11. Ball Characteristics (AAR Package) (continued)
BALL
PINCNTL
PINCNTL
BALL
MODE
RESET
BUFFER
BALL NUMBER [1]
BALL NAME [2]
SIGNAL NAME [3]
REGISTER NAME
DEFAULT
TYPE [7] DSIS [8]
RESET
POWER [11]
HYS [12]
[6]
REL.
TYPE [13]
AND ADDRESS[4]
VALUE[5]
STATE [9]
STATE [10]
J9
VOUT[1]_G_Y_YC[7]
VOUT[1]_G_Y_YC[7]
PINCNTL219 /
0x0004 0000
0x01
O
PIN
L
L
DVDD
0x4814 0B68
EMAC[1]_MTXD[0]
0x02
O
PIN
VIN[1]A_D[12]
0x04
I
PIN
GP3[11]
0x80
I/O
PIN
L3
VOUT[1]_G_Y_YC[8]
VOUT[1]_G_Y_YC[8]
PINCNTL220 /
0x0004 0000
0x01
O
PIN
L
L
DVDD
0x4814 0B6C
EMAC[1]_MTXD[1]
0x02
O
PIN
VIN[1]A_D[13]
0x04
I
PIN
GP3[12]
0x80
I/O
PIN
K1
VOUT[1]_G_Y_YC[9]
VOUT[1]_G_Y_YC[9]
PINCNTL221 /
0x0004 0000
0x01
O
PIN
L
L
DVDD
0x4814 0B70
EMAC[1]_MTXD[2]
0x02
O
PIN
VIN[1]A_D[14]
0x04
I
PIN
GP3[13]
0x80
I/O
PIN
E2
VOUT[1]_HSYNC
VOUT[1]_HSYNC
PINCNTL205 /
0x0004 0000
0x01
O
PIN
L
L
DVDD
0x4814 0B30
EMAC[1]_MCOL
0x02
I
0
VIN[1]A_VSYNC
0x04
I
0
SPI[3]_D[1]
0x10
I/O
PIN
GP2[29]
0x80
I/O
PIN
C2
VOUT[1]_R_CR[0]
VOUT[1]_R_CR[0]
PINCNTL171 /
0x0004 0000
0x01
O
PIN
L
L
DVDD_C
0x4814 0AA8
CAM_D[0]
0x02
I
PIN
GPMC_A[8]
0x10
O
PIN
GP0[25]
0x80
I/O
PIN
C1
VOUT[1]_R_CR[1]
VOUT[1]_R_CR[1]
PINCNTL170 /
0x0004 0000
0x01
O
PIN
L
L
DVDD_C
0x4814 0AA4
CAM_D[1]
0x02
I
PIN
GPMC_A[7]
0x10
O
PIN
GP0[24]
0x80
I/O
PIN
L6
VOUT[1]_R_CR[2]
VOUT[1]_R_CR[2]
PINCNTL230 /
0x0004 0000
0x01
O
PIN
L
L
DVDD
0x4814 0B94
GPMC_A[15]
0x02
O
PIN
VIN[1]A_D[23]
0x04
I
PIN
HDMI_HPDET
0x10
I
0
SPI[2]_D[1]
0x20
I/O
PIN
GP3[22]
0x80
I/O
PIN
L4
VOUT[1]_R_CR[3]
VOUT[1]_R_CR[3]
PINCNTL229 /
0x0006 0000
0x01
O
PIN
H
H
DVDD
0x4814 0B90
GPMC_A[14]
0x02
O
PIN
VIN[1]A_D[22]
0x04
I
PIN
HDMI_SDA
0x10
I/O
1
SPI[2]_SCLK
0x20
I/O
1
I2C[2]_SDA
0x40
I/O
1
GP3[21]
0x80
I/O
PIN
60
Device Pins
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com