Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM385 Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  281 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM385 Datasheet(HTML) 65 Page - Texas Instruments

Back Button DM385 Datasheet HTML 61Page - Texas Instruments DM385 Datasheet HTML 62Page - Texas Instruments DM385 Datasheet HTML 63Page - Texas Instruments DM385 Datasheet HTML 64Page - Texas Instruments DM385 Datasheet HTML 65Page - Texas Instruments DM385 Datasheet HTML 66Page - Texas Instruments DM385 Datasheet HTML 67Page - Texas Instruments DM385 Datasheet HTML 68Page - Texas Instruments DM385 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 281 page
background image
DM385, DM388
www.ti.com
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
Table 3-13. Boot Configuration Terminal Functions (continued)
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
AAR BALL [4]
BTMODE[6]
Boot Mode Selection 6. Reserved Boot Pin. This pin is
I
T3
multiplexed between ARM Cortex-A8 boot mode and
General-Purpose Memory Controller (GPMC) peripheral
functions. For proper device operation at reset, this pin
should be externally pulled low. After reset, this pin
functions as GPMC multiplexed data/address pin 6
(GPMC_D[6]).
BTMODE[7]
Boot Mode Selection 7. RGMII Internal Delay Selection.
I
T2
This pin is multiplexed between ARM Cortex-A8 boot
mode and General-Purpose Memory Controller (GPMC)
peripheral functions. At reset, BTMODE[7] is sampled to
determine the RGMII Internal Delay Selection:
•
0 = Internal Delay Enabled
•
1 = Internal Delay Disabled
After reset, this pin functions as GPMC multiplexed
data/address pin 7 (GPMC_D[7]).
BTMODE[8]
Boot Mode Selection 8. Ethernet PHY Configuration. This I
T1
pin is multiplexed between ARM Cortex-A8 boot mode
and General-Purpose Memory Controller (GPMC)
peripheral functions. At reset, when EMAC bootmode is
selected (see Table 4-1), BTMODE[9:8] pins are sampled
to determine the function of the Ethernet PHY Mode
selection:
•
00 = MII (GMII)
•
01 = RMII
•
10 = RGMII
•
11 = Reserved
For more detailed information on the EMAC PHY boot
modes and the EMAC pin functions selected, see Section
4.2.6, Ethernet PHY Mode Selection. After reset, this pin
functions as GPMC multiplexed data/address pin 8
(GPMC_D[8]).
BTMODE[9]
Boot Mode Selection 9. Ethernet PHY Configuration. This I
T8
pin is multiplexed between ARM Cortex-A8 boot mode
and General-Purpose Memory Controller (GPMC)
peripheral functions. At reset, when EMAC bootmode is
selected (see Table 4-1), BTMODE[9:8] pins are sampled
to determine the function of the Ethernet PHY Mode
selection:
•
00 = MII (GMII)
•
01 = RMII
•
10 = RGMII
•
11 = Reserved
For more detailed information on the EMAC PHY boot
modes and the EMAC pin functions selected, see Section
4.2.6, Ethernet PHY Mode Selection. After reset, this pin
functions as GPMC multiplexed data/address pin 9
(GPMC_D[9]).
BTMODE[10]
Boot Mode Selection 10. XIP (NOR) on GPMC
I
R6
Configuration. This pin is multiplexed between ARM
Cortex-A8 boot mode and General-Purpose Memory
Controller (GPMC) peripheral functions. At reset, when
the XIP (MUX0), XIP (MUX1), XIP w/ WAiT (MUX0) or
XIP w/ WAiT (MUX1) bootmode is selected (see Table 4-
1), BTMODE[10] is sampled to select between GPMC pin
muxing options A or B shown in Table 4-2, XIP (on
GPMC) Boot Options [Muxed or Non-Muxed].
•
0 = GPMC Option A
•
1 = GPMC Option B
After reset, this pin functions as GPMC multiplexed
data/address pin 10 (GPMC_D[10]).
Copyright © 2013, Texas Instruments Incorporated
Device Pins
65
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com