Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM385 Datasheet(PDF) 87 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  281 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM385 Datasheet(HTML) 87 Page - Texas Instruments

Back Button DM385 Datasheet HTML 83Page - Texas Instruments DM385 Datasheet HTML 84Page - Texas Instruments DM385 Datasheet HTML 85Page - Texas Instruments DM385 Datasheet HTML 86Page - Texas Instruments DM385 Datasheet HTML 87Page - Texas Instruments DM385 Datasheet HTML 88Page - Texas Instruments DM385 Datasheet HTML 89Page - Texas Instruments DM385 Datasheet HTML 90Page - Texas Instruments DM385 Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 281 page
background image
DM385, DM388
www.ti.com
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
3.3.17 Reset, Interrupts, and JTAG Interface
3.3.17.1 Interupts
Table 3-35. Interrupts Terminal Functions
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
AAR BALL [4]
NMI
Non-Maskable Interrupt input
I
AH31
3.3.17.2 JTAG
Table 3-36. JTAG Terminal Functions
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
AAR BALL [4]
EMU0
Emulator pin 0
I/O
A18
EMU1
Emulator pin 1
I/O
B19
EMU2
Emulator pin 2
I/O
F24
EMU3
Emulator pin 3
I/O
C25
EMU4
Emulator pin 4
I/O
C28
RTCK
JTAG return clock output. The internal pullup (IPU) is
O
N29
enabled for this pin when the device is in reset and the
IPU is disabled (DIS) when reset is released.
TCLK
JTAG test clock input
I
T29
TDI
JTAG test data input
I
N28
TDO
JTAG test port data output
O
U26
TMS
JTAG test port mode select input. For proper operation,
I
T31
do not oppose the IPU on this pin.
TRST
JTAG test port reset input
I
U24
3.3.17.3 Reset
Table 3-37. Reset Terminal Functions
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
AAR BALL [4]
POR
Power-On Reset input
I
AH30
RESET
Device Reset input
I
AH29
RSTOUT_WD_OUT
Reset output (RSTOUT) or watchdog out (WD_OUT). If
O
AJ30
this pin is unused, it can be left unconnected.
Copyright © 2013, Texas Instruments Incorporated
Device Pins
87
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com