Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM385 Datasheet(PDF) 81 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  281 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM385 Datasheet(HTML) 81 Page - Texas Instruments

Back Button DM385 Datasheet HTML 77Page - Texas Instruments DM385 Datasheet HTML 78Page - Texas Instruments DM385 Datasheet HTML 79Page - Texas Instruments DM385 Datasheet HTML 80Page - Texas Instruments DM385 Datasheet HTML 81Page - Texas Instruments DM385 Datasheet HTML 82Page - Texas Instruments DM385 Datasheet HTML 83Page - Texas Instruments DM385 Datasheet HTML 84Page - Texas Instruments DM385 Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 281 page
background image
DM385, DM388
www.ti.com
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
3.3.11 HDMI
Table 3-26. HDMI Terminal Functions
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
AAR BALL [4]
HDMI_CEC
HDMI Consumer Electronics Control I/O
I/O
M8, N2
HDMI_CLKN
HDMI Clock Output. When the HDMI PHY is powered
O
B15
down, this pin should be left unconnected.
HDMI_CLKP
HDMI Clock Output. When the HDMI PHY is powered
O
A15
down, this pin should be left unconnected.
HDMI_DN0
HDMI Data 0 output. When the HDMI PHY is powered
O
A14
down, this pin should be left unconnected.
HDMI_DN1
HDMI Data 1 output. When the HDMI PHY is powered
O
B13
down, this pin should be left unconnected.
HDMI_DN2
HDMI Data 2 output. When the HDMI PHY is powered
O
A12
down, this pin should be left unconnected.
HDMI_DP0
HDMI Data 0 output. When the HDMI PHY is powered
O
B14
down, this pin should be left unconnected.
HDMI_DP1
HDMI Data 1 output. When the HDMI PHY is powered
O
B12
down, this pin should be left unconnected.
HDMI_DP2
HDMI Data 2 output. When the HDMI PHY is powered
O
A11
down, this pin should be left unconnected.
HDMI_HPDET
HDMI Hot Plug Detect Input
I
L6, R8
HDMI_SCL
HDMI I2C Serial Clock Output
I/O
D2, L2
HDMI_SDA
HDMI I2C Serial Data I/O
I/O
D1, L4
Copyright © 2013, Texas Instruments Incorporated
Device Pins
81
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com