Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM385 Datasheet(PDF) 66 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  281 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM385 Datasheet(HTML) 66 Page - Texas Instruments

Back Button DM385 Datasheet HTML 62Page - Texas Instruments DM385 Datasheet HTML 63Page - Texas Instruments DM385 Datasheet HTML 64Page - Texas Instruments DM385 Datasheet HTML 65Page - Texas Instruments DM385 Datasheet HTML 66Page - Texas Instruments DM385 Datasheet HTML 67Page - Texas Instruments DM385 Datasheet HTML 68Page - Texas Instruments DM385 Datasheet HTML 69Page - Texas Instruments DM385 Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 281 page
background image
DM385, DM388
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
www.ti.com
Table 3-13. Boot Configuration Terminal Functions (continued)
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
AAR BALL [4]
BTMODE[11]
Boot Mode Selection 11. RSTOUT_WD_OUT
I
R4
Configuration. This pin is multiplexed between ARM
Cortex-A8 boot mode and General-Purpose Memory
Controller (GPMC) peripheral functions. At reset,
BTMODE[11] is sampled to determine the function of the
RSTOUT_WD_OUT pin:
•
0 = RSTOUT is asserted when a Watchdog Timer
reset, POR, RESET, or Emulation/Software-Global
Cold/Warm reset occurs
•
1 = RSTOUT_WD_OUT is asserted only when a
Watchdog Timer reset occurs
After reset, this pin functions as GPMC multiplexed
data/address pin 11 (GPMC_D[11]).
BTMODE[12]
Boot Mode Selection 12. GPMC CS0 default Data Bus
I
R3
Width input. This pin is multiplexed between ARM Cortex-
A8 boot mode and General-Purpose Memory Controller
(GPMC) peripheral functions. At reset, BTMODE[12] is
sampled to determine the GPMC CS0 bus width:
•
0 = 8-bit data bus
•
1 = 16-bit data bus
After reset, this pin functions as GPMC multiplexed
data/address pin 12 (GPMC_D[12]).
BTMODE[13]
Boot Mode Selection 13. GPMC CS0 default
I
R2
Address/Data multiplexing mode input. This pin is
multiplexed between ARM Cortex-A8 boot mode and
General-Purpose Memory Controller (GPMC) peripheral
functions. At reset, BTMODE[14:13] are sampled to
determine the GPMC CS0 Address/Data multiplexing:
•
00 = Not muxed
•
01 = A/A/D muxed
•
10 = A/D muxed
•
11 = Reserved
After reset, this pin functions as GPMC multiplexed
data/address pin 13 (GPMC_D[13]).
BTMODE[14]
Boot Mode Selection 14. GPMC CS0 default
I
R1
Address/Data multiplexing mode input. This pin is
multiplexed between ARM Cortex-A8 boot mode and
General-Purpose Memory Controller (GPMC) peripheral
functions. At reset, BTMODE[14:13] are sampled to
determine the GPMC CS0 Address/Data multiplexing:
•
00 = Not muxed
•
01 = A/A/D muxed
•
10 = A/D muxed
•
11 = Reserved
After reset, this pin functions as GPMC multiplexed
data/address pin 14 (GPMC_D[14]).
BTMODE[15]
Boot Mode Selection 15. GPMC CS0 default GPMC_Wait I
P2
enable input. This pin is multiplexed between ARM
Cortex-A8 boot mode and General-Purpose Memory
Controller (GPMC) peripheral functions. At reset,
BTMODE[15] is sampled to determine the GPMC CS0
Wait enable:
•
0 = Wait disabled
•
1 = Wait enabled
After reset, this pin functions as GPMC multiplexed
data/address pin 15 (GPMC_D[15]).
66
Device Pins
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com