Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM385 Datasheet(PDF) 98 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  281 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM385 Datasheet(HTML) 98 Page - Texas Instruments

Back Button DM385 Datasheet HTML 94Page - Texas Instruments DM385 Datasheet HTML 95Page - Texas Instruments DM385 Datasheet HTML 96Page - Texas Instruments DM385 Datasheet HTML 97Page - Texas Instruments DM385 Datasheet HTML 98Page - Texas Instruments DM385 Datasheet HTML 99Page - Texas Instruments DM385 Datasheet HTML 100Page - Texas Instruments DM385 Datasheet HTML 101Page - Texas Instruments DM385 Datasheet HTML 102Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 281 page
background image
DM385, DM388
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
www.ti.com
Table 3-52. Video Input 0 (Digital) Terminal Functions (continued)
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
AAR BALL [4]
VIN[0]A_D[10]_BD[2]
Video Input 0 Data inputs. For 16-bit capture, D[15:8] are
I
E16
Y Port A inputs. For 8-bit capture, D[15:8] are Port B
YCbCr data inputs. For RGB capture, D[15:8] are G data
inputs.
VIN[0]A_D[11]_BD[3]
Video Input 0 Data inputs. For 16-bit capture, D[15:8] are
I
H17
Y Port A inputs. For 8-bit capture, D[15:8] are Port B
YCbCr data inputs. For RGB capture, D[15:8] are G data
inputs.
VIN[0]A_D[12]_BD[4]
Video Input 0 Data inputs. For 16-bit capture, D[15:8] are
I
J16
Y Port A inputs. For 8-bit capture, D[15:8] are Port B
YCbCr data inputs. For RGB capture, D[15:8] are G data
inputs.
VIN[0]A_D[13]_BD[5]
Video Input 0 Data inputs. For 16-bit capture, D[15:8] are
I
H16
Y Port A inputs. For 8-bit capture, D[15:8] are Port B
YCbCr data inputs. For RGB capture, D[15:8] are G data
inputs.
VIN[0]A_D[14]_BD[6]
Video Input 0 Data inputs. For 16-bit capture, D[15:8] are
I
F13
Y Port A inputs. For 8-bit capture, D[15:8] are Port B
YCbCr data inputs. For RGB capture, D[15:8] are G data
inputs.
VIN[0]A_D[15]_BD[7]
Video Input 0 Data inputs. For 16-bit capture, D[15:8] are
I
H13
Y Port A inputs. For 8-bit capture, D[15:8] are Port B
YCbCr data inputs. For RGB capture, D[15:8] are G data
inputs.
VIN[0]A_D[8]_BD[0]
Video Input 0 Data inputs. For 16-bit capture, D[15:8] are
I
B16
Y Port A inputs. For 8-bit capture, D[15:8] are Port B
YCbCr data inputs. For RGB capture, D[15:8] are G data
inputs.
VIN[0]A_D[9]_BD[1]
Video Input 0 Data inputs. For 16-bit capture, D[15:8] are
I
C16
Y Port A inputs. For 8-bit capture, D[15:8] are Port B
YCbCr data inputs. For RGB capture, D[15:8] are G data
inputs.
VIN[0]A_FLD
Video Input 0 Port A Field ID input. Discrete field
I
B4, J13
identification signal for Port A RGB capture mode or
YCbCr capture without embedded syncs (BT.601
modes).
VIN[0]A_HSYNC
Video Input 0 Port A Horizontal Sync0 input. Discrete
I
D13
horizontal synchronization signal for Port A RGB capture
mode or YCbCr capture without embedded syncs
(BT.601 modes).
VIN[0]A_VSYNC
Video Input 0 Port A Vertical Sync0 input. Discrete
I
C13
vertical synchronization signal for Port A RGB capture
mode or YCbCr capture without embedded syncs
(BT.601 modes).
VIN[0]B_CLK
Video Input 0 Port B Clock input. Input clock for 8-bit Port
I
H12
B video capture. This signal is not used in 16-bit and 24-
bit capture modes.
VIN[0]B_DE
Video Input 0 Port B Data Enable input. Discrete data
I
C5
valid signal for Port B RGB capture mode or YCbCr
capture without embedded syncs (BT.601 modes).
VIN[0]B_FLD
Video Input 0 Port B Field ID input. Discrete field
I
A3
identification signal for Port B 8-bit YCbCr capture without
embedded syncs (BT.601 modes). Not used in RGB or
16-bit YCbCr capture modes.
VIN[0]B_HSYNC
Video Input 0 Port B Horizontal Sync input. Discrete
I
C12
horizontal synchronization signal for Port B 8-bit YCbCr
capture without embedded syncs (BT.601 modes). Not
used in RGB or 16-bit YCbCr capture modes.
VIN[0]B_VSYNC
Video Input 0 Port B Vertical Sync1 input. Discrete
I
J13
vertical synchronization signal for Port B 8-bit YCbCr
capture without embedded syncs (BT.601 modes). Not
used in RGB or 16-bit YCbCr capture modes.
98
Device Pins
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com