Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM385 Datasheet(PDF) 82 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  281 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM385 Datasheet(HTML) 82 Page - Texas Instruments

Back Button DM385 Datasheet HTML 78Page - Texas Instruments DM385 Datasheet HTML 79Page - Texas Instruments DM385 Datasheet HTML 80Page - Texas Instruments DM385 Datasheet HTML 81Page - Texas Instruments DM385 Datasheet HTML 82Page - Texas Instruments DM385 Datasheet HTML 83Page - Texas Instruments DM385 Datasheet HTML 84Page - Texas Instruments DM385 Datasheet HTML 85Page - Texas Instruments DM385 Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 281 page
background image
DM385, DM388
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
www.ti.com
3.3.12 I2C
Table 3-27. I2C Terminal Functions
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
AAR BALL [4]
I2C[0]_SCL
I2C[0] Clock I/O. For proper device operation, this pin
I/O
T27
must be pulled up via external resistor.
I2C[0]_SDA
I2C[0] Data I/O. For proper device operation, this pin
I/O
T24
must be pulled up via external resistor.
I2C[1]_SCL
I2C[1] Clock I/O. For proper device operation in I2C
I/O
D2
mode, this pin must be pulled up via external resistor.
I2C[1]_SDA
I2C[1] Data I/O. For proper device operation in I2C mode, I/O
D1
this pin must be pulled up via external resistor.
I2C[2]_SCL
I2C[2] Clock I/O. For proper device operation in I2C
I/O
E31, J13, K11, L2
mode, this pin must be pulled up via external resistor.
I2C[2]_SDA
I2C[2] Data I/O. For proper device operation in I2C mode, I/O
AG4, C12, E29, L4
this pin must be pulled up via external resistor.
I2C[3]_SCL
I2C[3] Clock I/O. For proper device operation in I2C
I/O
AE31, G3, K10, L22
mode, this pin must be pulled up via external resistor.
I2C[3]_SDA
I2C[3] Data I/O. For proper device operation in I2C mode, I/O
AE30, D7, H5, M21
this pin must be pulled up via external resistor.
82
Device Pins
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com