Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM385 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  281 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM385 Datasheet(HTML) 20 Page - Texas Instruments

Back Button DM385 Datasheet HTML 16Page - Texas Instruments DM385 Datasheet HTML 17Page - Texas Instruments DM385 Datasheet HTML 18Page - Texas Instruments DM385 Datasheet HTML 19Page - Texas Instruments DM385 Datasheet HTML 20Page - Texas Instruments DM385 Datasheet HTML 21Page - Texas Instruments DM385 Datasheet HTML 22Page - Texas Instruments DM385 Datasheet HTML 23Page - Texas Instruments DM385 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 281 page
background image
DM385, DM388
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
www.ti.com
Table 2-5. L4 Slow Peripheral Memory Map (continued)
Cortex-A8 and L3 Masters
SIZE
DEVICE NAME
START ADDRESS
END ADDRESS
(HEX)
(HEX)
0x4818_E000
0x4818_EFFF
4KB
Reserved
0x4818_F000
0x4818_FFFF
4KB
Reserved
0x4819_0000
0x4819_3FFF
16KB
Reserved
0x4819_4000
0x4819_BFFF
32KB
Reserved
0x4819_C000
0x481F_FFFF
400KB
Reserved
0x4819_C000
0x4819_CFFF
4KB
I2C2 Peripheral Registers
0x4819_D000
0x4819_DFFF
4KB
I2C2 Interconnect Registers
0x4819_E000
0x4819_EFFF
4KB
I2C3 Peripheral Registers
0x4819_F000
0x4819_FFFF
4KB
I2C3 Interconnect Registers
0x481A_0000
0x481A_0FFF
4KB
SPI1 Peripheral Registers
0x481A_1000
0x481A_1FFF
4KB
SPI1 Interconnect Registers
0x481A_2000
0x481A_2FFF
4KB
SPI2 Peripheral Registers
0x481A_3000
0x481A_3FFF
4KB
SPI2 Interconnect Registers
0x481A_4000
0x481A_4FFF
4KB
SPI3 Peripheral Registers
0x481A_5000
0x481A_5FFF
4KB
SPI3 Interconnect Registers
0x481A_6000
0x481A_6FFF
4KB
Reserved
0x481A_7000
0x481A_7FFF
4KB
Reserved
0x481A_8000
0x481A_8FFF
4KB
Reserved
0x481A_9000
0x481A_9FFF
4KB
Reserved
0x481A_A000
0x481A_AFFF
4KB
Reserved
0x481A_B000
0x481A_BFFF
4KB
Reserved
0x481A_C000
0x481A_CFFF
4KB
GPIO2 Peripheral Registers
0x481A_D000
0x481A_DFFF
4KB
GPIO2 Interconnect Registers
0x481A_E000
0x481A_EFFF
4KB
GPIO3 Peripheral Registers
0x481A_F000
0x481A_FFFF
4KB
GPIO3 Interconnect Registers
0x481B_0000
0x481B_FFFF
64KB
Reserved
0x481C_0000
0x481C_0FFF
4KB
Reserved
0x481C_1000
0x481C_1FFF
4KB
TIMER8 Peripheral Registers
0x481C_2000
0x481C_2FFF
4KB
TIMER8 Interconnect Registers
0x481C_3000
0x481C_3FFF
4KB
SYNCTIMER32K Peripheral Registers
0x481C_4000
0x481C_4FFF
4KB
SYNCTIMER32K Interconnect Registers
0x481C_5000
0x481C_5FFF
4KB
PLLSS Peripheral Registers
0x481C_6000
0x481C_6FFF
4KB
PLLSS Interconnect Registers
0x481C_7000
0x481C_7FFF
4KB
WDT0 Peripheral Registers
0x481C_8000
0x481C_8FFF
4KB
WDT0 Interconnect Registers
0x481C_9000
0x481C_9FFF
8KB
Reserved
0x481C_A000
0x481C_BFFF
8KB
Reserved
0x481C_C000
0x481C_DFFF
8KB
Reserved
0x481C_E000
0x481C_FFFF
8KB
Reserved
0x481D_0000
0x481D_1FFF
8KB
Reserved
0x481D_2000
0x481D_3FFF
8KB
Reserved
0x481D_4000
0x481D_5FFF
8KB
Reserved
0x481D_6000
0x481D_6FFF
4KB
Reserved
0x481D_7000
0x481D_7FFF
4KB
Reserved
0x481D_8000
0x481E_7FFF
64KB
MMC/SD/SDIO1 Peripheral Registers
0x481E_8000
0x481E_8FFF
4KB
MMC/SD/SDIO1 Interconnect Registers
20
Device Overview
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com