Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM385 Datasheet(PDF) 104 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  281 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM385 Datasheet(HTML) 104 Page - Texas Instruments

Back Button DM385 Datasheet HTML 100Page - Texas Instruments DM385 Datasheet HTML 101Page - Texas Instruments DM385 Datasheet HTML 102Page - Texas Instruments DM385 Datasheet HTML 103Page - Texas Instruments DM385 Datasheet HTML 104Page - Texas Instruments DM385 Datasheet HTML 105Page - Texas Instruments DM385 Datasheet HTML 106Page - Texas Instruments DM385 Datasheet HTML 107Page - Texas Instruments DM385 Datasheet HTML 108Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 281 page
background image
DM385, DM388
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
www.ti.com
Table 3-55. Video Output 0 (Digital) Terminal Functions (continued)
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
AAR BALL [4]
VOUT[0]_R_CR[6]
Video Output Data. These signals represent the 8 MSBs
O
C30
of R/Cr video data. For RGB mode they are red data bits,
for YUV444 mode they are Cr (Chroma) data bits, for Y/C
mode and BT.656 modes they are unused.
VOUT[0]_R_CR[7]
Video Output Data. These signals represent the 8 MSBs
O
B30
of R/Cr video data. For RGB mode they are red data bits,
for YUV444 mode they are Cr (Chroma) data bits, for Y/C
mode and BT.656 modes they are unused.
VOUT[0]_R_CR[8]
Video Output Data. These signals represent the 8 MSBs
O
A30
of R/Cr video data. For RGB mode they are red data bits,
for YUV444 mode they are Cr (Chroma) data bits, for Y/C
mode and BT.656 modes they are unused.
VOUT[0]_R_CR[9]
Video Output Data. These signals represent the 8 MSBs
O
B31
of R/Cr video data. For RGB mode they are red data bits,
for YUV444 mode they are Cr (Chroma) data bits, for Y/C
mode and BT.656 modes they are unused.
VOUT[0]_VSYNC
Video Output Vertical Sync output. This is the discrete
O
E20
vertical synchronization output. This signal is not used for
embedded sync modes.
3.3.26.2 Video Output 1 (Digital)
Table 3-56. Video Output 1 (Digital) Terminal Functions
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
AAR BALL [4]
VOUT[1]_AVID
Video Output Active Video output. This is the discrete
O
F1
active video indicator output. This signal is not used for
embedded sync modes.
VOUT[1]_B_CB_C[0]
Video Output Data. These signals represent the 2 LSBs
O
H9
of B/Cb/C video data for 10-bit, 20-bit, and 30-bit video
modes (VOUT[1] only). For RGB mode they are blue data
bits, for YUV444 mode they are Cb (Chroma) data bits,
for Y/C mode they are multiplexed Cb/Cr (Chroma) data
bits and for BT.656 mode they are unused. These signals
are not used in 16/24-bit modes.
VOUT[1]_B_CB_C[1]
Video Output Data. These signals represent the 2 LSBs
O
D5
of B/Cb/C video data for 10-bit, 20-bit, and 30-bit video
modes (VOUT[1] only). For RGB mode they are blue data
bits, for YUV444 mode they are Cb (Chroma) data bits,
for Y/C mode they are multiplexed Cb/Cr (Chroma) data
bits and for BT.656 mode they are unused. These signals
are not used in 16/24-bit modes.
VOUT[1]_B_CB_C[2]
Video Output Data. These signals represent the 8 MSBs
O
M8
of B/Cb/C video data. For RGB mode they are blue data
bits, for YUV444 mode they are Cb (Chroma) data bits,
for Y/C mode they are multiplexed Cb/Cr (Chroma) data
bits and for BT.656 mode they are unused.
VOUT[1]_B_CB_C[3]
Video Output Data. These signals represent the 8 MSBs
O
F2
of B/Cb/C video data. For RGB mode they are blue data
bits, for YUV444 mode they are Cb (Chroma) data bits,
for Y/C mode they are multiplexed Cb/Cr (Chroma) data
bits and for BT.656 mode they are unused.
VOUT[1]_B_CB_C[4]
Video Output Data. These signals represent the 8 MSBs
O
F3
of B/Cb/C video data. For RGB mode they are blue data
bits, for YUV444 mode they are Cb (Chroma) data bits,
for Y/C mode they are multiplexed Cb/Cr (Chroma) data
bits and for BT.656 mode they are unused.
VOUT[1]_B_CB_C[5]
Video Output Data. These signals represent the 8 MSBs
O
G1
of B/Cb/C video data. For RGB mode they are blue data
bits, for YUV444 mode they are Cb (Chroma) data bits,
for Y/C mode they are multiplexed Cb/Cr (Chroma) data
bits and for BT.656 mode they are unused.
104
Device Pins
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com