Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM385 Datasheet(PDF) 142 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  281 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM385 Datasheet(HTML) 142 Page - Texas Instruments

Back Button DM385 Datasheet HTML 138Page - Texas Instruments DM385 Datasheet HTML 139Page - Texas Instruments DM385 Datasheet HTML 140Page - Texas Instruments DM385 Datasheet HTML 141Page - Texas Instruments DM385 Datasheet HTML 142Page - Texas Instruments DM385 Datasheet HTML 143Page - Texas Instruments DM385 Datasheet HTML 144Page - Texas Instruments DM385 Datasheet HTML 145Page - Texas Instruments DM385 Datasheet HTML 146Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 281 page
background image
DM385, DM388
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
www.ti.com
NOTE
The reset pin state is after all the power supplies are ramped up and stable. The state is not
not ensured during power-up sequencing.
Upon coming out of reset, the ARM Cortex-A8 starts executing code from the internal Boot
ROM. The Boot ROM code modifies the PINCNTLx registers to configure the associated
pins for the chosen primary and backup Bootmodes.
7.3.18 Reset Electrical Data/Timing
NOTE
For supported OPP frequencies, see Table 7-3, Device Operating Points (OPPs).
Table 7-8. Timing Requirements for Reset (see Figure 7-5 and Figure 7-6)
OPP100
NO.
UNIT
MIN
MAX
1
tw(RESET)
Pulse duration, POR low or RESET low
12P(1)
ns
POR
2P(2)
ns
Setup time, BTMODE[15:0] pins valid before POR high or
2
tsu(BOOT)
RESET high
RESET
2P(2)
ns
3
th(BOOT)
Hold time, BTMODE[15:0] pins valid after POR high or RESET high
0
ns
(1)
The device clock source must be stable and at a valid frequency prior to meeting the tw(RESET) requirement.
(2)
P = 1/(DEV Clock) frequency in ns.
Table 7-9. Switching Characteristics Over Recommended Operating Conditions During Reset
(see Figure 7-6)
OPP100
NO.
PARAMETER
UNIT
MIN
MAX
td(RSTL-
4
Delay time, RESET low or POR low to all I/Os entering their reset state
14
ns
IORST)
td(RSTH-
5
Delay time, RESET high or POR high to all I/Os exiting their reset state
14
ns
IOFUNC)
RESET assertion tw(RESET)
0
2P
ns
≥ 30P
td(RSTH-
6
Delay time, RESET high to RSTOUT_WD_OUT high(1)(2)
RSTOUTH)
RESET assertion tw(RESET)
32P -
0
ns
< 30P
tw(RESET)
td(PORH-
7
Delay time, POR high to RSTOUT_WD_OUT high(1)(2)
0
12500P
ns
RSTOUTH)
td(RSTL-
8
Delay time, RESET low to RSTOUT_WD_OUT Hi-Z(1)(2)
0
2P
ns
RSTOUTZ)
td(PORH-
Delay time, POR high to RSTOUT_WD_OUT driven based on latched BTMODE[11]
9
0
2P
ns
RSTOUTL)
value(1)(2)
td(RSTH-
Delay time, RESET high to RSTOUT_WD_OUT driven based on latched BTMODE[11]
10
0
2P
ns
RSTOUTD)
value(1)(2)
(1)
For more detailed information on RSTOUT_WD_OUT pin behavior, see Section 7.3.14, RSTOUT_WD_OUT Pin.
(2)
P = 1/(DEV Clock) frequency in ns.
142
Power, Reset, Clocking, and Interrupts
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com