Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C54-LPI/SS Datasheet(PDF) 41 Page - Microchip Technology

Part # PIC16C54-LPI/SS
Description  EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C54-LPI/SS Datasheet(HTML) 41 Page - Microchip Technology

Back Button PIC16C54-LPI/SS Datasheet HTML 37Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 38Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 39Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 40Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 41Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 42Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 43Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 44Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 217 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS30453B-page 41
PIC16C5X
7.7
Time-Out Sequence and Power Down
Status Bits (TO/PD)
The TO and PD bits in the STATUS register can be
tested to determine if a RESET condition has been
caused by a power-up condition, a MCLR or Watchdog
Timer (WDT) reset, or a MCLR or WDT wake-up reset.
These STATUS bits are only affected by events listed
in Table 7-7.
Table 7-3 lists the reset conditions for the special
function registers, while Table 7-4 lists the reset
conditions for all the registers.
TABLE 7-6:
TO/PD STATUS AFTER
RESET
TO
PD
RESET was caused by
11
Power-up (POR)
uu
MCLR reset (normal operation)(1)
10
MCLR wake-up reset (from SLEEP)
01
WDT reset (normal operation)
00
WDT wake-up reset (from SLEEP)
Legend: u = unchanged
Note 1:
The TO and PD bits maintain their status (u) until
a reset occurs. A low-pulse on the MCLR input
does not change the TO and PD status bits.
TABLE 7-7:
EVENTS AFFECTING TO/PD
STATUS BITS
Event
TO
PD
Remarks
Power-up
11
WDT Time-out
0u
No effect on PD
SLEEP
instruction
10
CLRWDT
instruction
11
Legend: u = unchanged
Note:
A WDT time-out will occur regardless of
the status of the TO bit. A SLEEP instruc-
tion will be executed, regardless of the sta-
tus of the PD bit.
7.8
Reset on Brown-Out
A brown-out is a condition where device power (VDD)
dips below its minimum value, but not to zero, and then
recovers. The device should be reset in the event of a
brown-out.
To reset PIC16C5X devices when a brown-out occurs,
external brown-out protection circuits may be built, as
shown in Figure 7-14 and Figure 7-15.
FIGURE 7-14: BROWN-OUT PROTECTION
CIRCUIT 1
FIGURE 7-15: BROWN-OUT PROTECTION
CIRCUIT 2
This circuit will activate reset when VDD goes below Vz +
0.7V (where Vz = Zener voltage).
33k
10k
40k
VDD
MCLR
PIC16C5X
VDD
Q1
This brown-out circuit is less expensive, although
less accurate. Transistor Q1 turns off when VDD
is below a certain level such that:
VDD •
R1
R1 + R2
= 0.7V
R2
40k
VDD
MCLR
PIC16C5X
R1
Q1
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com