Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C54-LPI/SS Datasheet(PDF) 61 Page - Microchip Technology

Part # PIC16C54-LPI/SS
Description  EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C54-LPI/SS Datasheet(HTML) 61 Page - Microchip Technology

Back Button PIC16C54-LPI/SS Datasheet HTML 57Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 58Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 59Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 60Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 61Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 62Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 63Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 64Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 217 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS30453B-page 61
PIC16C52
PIC16C5X
10.2
DC Characteristics: PIC16C52-04 (Commercial)
PIC16C52-04I (Industrial)
DC Characteristics
All Pins Except
Power Supply Pins
Standard Operating Conditions (unless otherwise specified)
Operating Temperature
0
°C ≤ TA ≤ +70°C (commercial)
–40
°C ≤ TA ≤ +85°C (industrial)
Operating Voltage VDD range is described in Section 10.1.
Characteristic
Sym
Min
Typ(1)
Max
Units
Conditions
Input Low Voltage
I/O ports
MCLR (Schmitt Trigger)
T0CKI (Schmitt Trigger)
OSC1 (Schmitt Trigger)
VIL
VSS
VSS
VSS
VSS
VSS
—
—
—
—
—
—
0.2 VDD
0.15 VDD
0.15 VDD
0.15 VDD
0.3 VDD
V
V
V
V
V
Pin at hi-impedance
RC(4) option only
XT option
Input High Voltage
I/O ports
MCLR (Schmitt Trigger)
T0CKI (Schmitt Trigger)
OSC1 (Schmitt Trigger)
VIH
0.45 VDD
2.0
0.36 VDD
0.85 VDD
0.85 VDD
0.85 VDD
0.7 VDD
—
—
—
—
—
—
—
—
VDD
VDD
VDD
VDD
VDD
VDD
VDD
V
V
V
V
V
V
V
For all VDD(5)
4.0 V < VDD
≤ 5.5 V(5)
VDD > 5.5 V
RC(4) option only
XT option
Hysteresis of Schmitt
Trigger inputs
VHYS
0.15VDD*—
—
V
Input Leakage Current(2,3)
I/O ports
MCLR
T0CKI
OSC1
IIL
–1
–5
–3
–3
0.5
0.5
0.5
0.5
+1
+5
+3
+3
µA
µA
µA
µA
µA
For VDD
≤ 5.5 V
VSS
≤ VPIN ≤ VDD,
Pin at hi-impedance
VPIN = VSS + 0.25 V
VPIN = VDD
VSS
≤ VPIN ≤ VDD
VSS
≤ VPIN ≤ VDD,
XT option
Output Low Voltage
I/O ports
OSC2/CLKOUT
VOL
—
—
—
—
—
—
0.6
0.6
V
V
IOL = 2.0 mA, VDD = 4.5 V
IOL = 1.6 mA, VDD = 4.5 V,
RC option
Output High Voltage
I/O ports(3)
OSC2/CLKOUT
VOH
VDD – 0.7
VDD – 0.7
—
—
—
—
—
—
V
V
IOH = –2.0 mA, VDD = 4.5 V
IOH = –1.0 mA, VDD = 4.5 V,
RC option
* These parameters are characterized but not tested.
Note 1: Data in the Typical (“Typ”) column is based on characterization results at 25
°C. This data is for design guidance
only and is not tested.
2: The leakage current on the MCLR/VPP pin is strongly dependent on the applied voltage level. The specified
levels represent normal operating conditions. Higher leakage current may be measured at different input
voltage.
3: Negative current is defined as coming out of the pin.
4: For RC option, the OSC1/CLKIN pin is a Schmitt Trigger input. It is not recommended that the PIC16C52 be
driven with external clock in RC mode.
5: The user may use the better of the two specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com