Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C54-LPI/SS Datasheet(PDF) 67 Page - Microchip Technology

Part # PIC16C54-LPI/SS
Description  EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C54-LPI/SS Datasheet(HTML) 67 Page - Microchip Technology

Back Button PIC16C54-LPI/SS Datasheet HTML 63Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 64Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 65Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 66Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 67Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 68Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 69Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 70Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 217 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS30453B-page 67
PIC16C54/55/56/57
PIC16C5X
11.0
ELECTRICAL CHARACTERISTICS - PIC16C54/55/56/57
Absolute Maximum Ratings†
Ambient Temperature under bias ........................................................................................................... –55
°C to +125°C
Storage Temperature.............................................................................................................................. –65
°C to +150°C
Voltage on VDD with respect to VSS ............................................................................................................... 0V to +7.5V
Voltage on MCLR with respect to VSS(2) ......................................................................................................... 0V to +14V
Voltage on all other pins with respect to VSS ................................................................................. –0.6V to (VDD + 0.6V)
Total Power Dissipation(1) ....................................................................................................................................800 mW
Max. Current out of VSS pin...................................................................................................................................150 mA
Max. Current into VDD pin......................................................................................................................................100 mA
Max. Current into an input pin (T0CKI only)
.....................................................................................................................±500 µA
Input Clamp Current, IIK (VI < 0 or VI > VDD)
....................................................................................................................±20 mA
Output Clamp Current, IOK (VO < 0 or VO > VDD)
............................................................................................................±20 mA
Max. Output Current sunk by any I/O pin ................................................................................................................25 mA
Max. Output Current sourced by any I/O pin ...........................................................................................................20 mA
Max. Output Current sourced by a single I/O port (PORTA, B or C) .......................................................................40 mA
Max. Output Current sunk by a single I/O port (PORTA, B or C) ............................................................................50 mA
Note 1: Power Dissipation is calculated as follows: Pdis = VDD x {IDD –
∑ IOH} + ∑ {(VDD – VOH) x IOH} + ∑(VOL x IOL)
Note 2: Voltage spikes below VSS at the MCLR pin, inducing currents greater than 80 mA, may cause latch-up. Thus,
a series resistor of 50 to 100
Ω should be used when applying a “low” level to the MCLR pin rather than pull-
ing this pin directly to VSS
†NOTICE: Stresses above those listed under “Maximum Ratings” may cause permanent damage to the device. This
is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operation listings of this specification is not implied. Exposure to maximum rating conditions for extended
periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com