Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C54-LPI/SS Datasheet(PDF) 90 Page - Microchip Technology

Part # PIC16C54-LPI/SS
Description  EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C54-LPI/SS Datasheet(HTML) 90 Page - Microchip Technology

Back Button PIC16C54-LPI/SS Datasheet HTML 86Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 87Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 88Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 89Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 90Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 91Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 92Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 93Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 94Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 217 page
background image
PIC16C5X
PIC16CR54A
DS30453B-page 90
Preliminary
© 1998 Microchip Technology Inc.
TABLE 13-1:
CROSS REFERENCE OF DEVICE SPECS FOR OSCILLATOR CONFIGURATIONS
AND FREQUENCIES OF OPERATION (COMMERCIAL DEVICES)
OSC
PIC16CR54A-04
PIC16CR54A-10
PIC16CR54A-20
PIC16LCR54A-04
RC
VDD: 2.5 V to 6.25 V
IDD:
3.6 mA max at 6.0 V
IPD:
6.0
µA max at 2.5 V,
WDT dis
Freq: 4 MHz max
N/A
N/A
N/A
XT
VDD: 2.5 V to 6.25 V
IDD:
3.6 mA max at 6.0 V
IPD:
6.0
µA max at 2.5 V,
WDT dis
Freq: 4.0 MHz max
N/A
N/A
N/A
HS
N/A
VDD: 4.5 V to 5.5 V
IDD:
10 mA max at 5.5 V
IPD:
6.0
µA max at 2.5 V,
WDT dis
Freq: 10 MHz max
VDD: 4.5 V to 5.5 V
IDD:
10 mA max at 5.5 V
IPD:
6.0
µA max at 2.5 V,
WDT dis
Freq: 20 MHz max
N/A
LP
N/A
N/A
N/A
VDD: 2.0 V to 6.25 V
IDD:
20
µA max at 32 kHz,
2.0 V
IPD:
6.0
µA max at 2.5 V,
WDT dis
Freq: 200 kHz max
The shaded sections indicate oscillator selections which should work by design, but are not tested. It is recommended
that the user select the device type from information in unshaded sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com