Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C54-LPI/SS Datasheet(PDF) 68 Page - Microchip Technology

Part # PIC16C54-LPI/SS
Description  EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C54-LPI/SS Datasheet(HTML) 68 Page - Microchip Technology

Back Button PIC16C54-LPI/SS Datasheet HTML 64Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 65Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 66Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 67Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 68Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 69Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 70Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 71Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 217 page
background image
PIC16C5X
PIC16C54/55/56/57
DS30453B-page 68
Preliminary
© 1998 Microchip Technology Inc.
TABLE 11-1:
CROSS REFERENCE OF DEVICE SPECS FOR OSCILLATOR CONFIGURATIONS
(RC, XT & 10) AND FREQUENCIES OF OPERATION (COMMERCIAL DEVICES)
TABLE 11-2:
CROSS REFERENCE OF DEVICE SPECS FOR OSCILLATOR CONFIGURATIONS
(HS, LP & JW) AND FREQUENCIES OF OPERATION (COMMERCIAL DEVICES)
OSC
PIC16C5X-RC
PIC16C5X-XT
PIC16C5X-10
RC
VDD: 3.0 V to 6.25 V
IDD:
3.3 mA max. at 5. V
IPD:
9
µA max. at 3.0 V, WDT dis
Freq: 4 MHz max.
N/A
N/A
XT
VDD: 3.0V to 6.25V
IDD:
1.8 mA typ. at 5.5V
IPD:
0.6
µA typ. at 3.0V WDT dis
Freq: 4 MHz max.
VDD: 3.0V to 6.25V
IDD:
3.3 mA max. at 5.5V
IPD:
9
µA max. at 3.0V, WDT dis
Freq: 4 MHz max.
N/A
HS
N/A
N/A
VDD: 4.5V to 5.5V
IDD:
10 mA max. at 5.5V
IPD:
9
µA max. at 3.0V, WDT dis
Freq: 10 MHz max.
LP
VDD: 2.5V to 6.25V
IDD:
15
µA typ. at 3.0V
IPD:
0.6
µA typ. at 3.0V, WDT dis
Freq: 40 kHz max.
VDD: 2.5V to 6.25V
IDD:
15
µA typ. at 3.0V
IPD:
0.6
µA typ. at 3.0V, WDT dis
Freq: 40 kHz max.
VDD: 2.5V to 6.25V
IDD:
15
µA typ. at 3.0V
IPD:
0.6
µA typ. at 3.0V, WDT dis
Freq: 40 kHz max.
The shaded sections indicate oscillator selections which should work by design, but are not tested. It is recommended
that the user select the device type from information in unshaded sections.
OSC
PIC16C5X-HS
PIC16C5X-LP
PIC16C5X/JW
RC
N/A
N/A
VDD: 3.0V to 6.25V
IDD:
3.3 mA max. at 5.5V
IPD:
9
µA max. at 3.0V, WDT dis
Freq: 4 MHz max.
XT
N/A
N/A
VDD: 3.0V to 6.25V
IDD:
3.3 mA max. at 5.5V
IPD:
9
µA max. at 3.0V, WDT dis
Freq: 4 MHz max.
HS
VDD: 4.5V to 5.5V
IDD:
20 mA max. at 5.5V
IPD:
9
µA max. at 3.0V, WDT dis
Freq: 20 MHz max.
N/A
VDD: 4.5V to 5.5V
IDD:
20 mA max. at 5.5V
IPD:
9
µA max. at 3.0V, WDT dis
Freq: 20 MHz max.
LP
VDD: 2.5V to 6.25V
IDD:
15
µA typ. at 3.0V
IPD:
0.6
µA typ. at 3.0V, WDT dis
Freq: 40 kHz max.
VDD: 2.5V to 6.25V
IDD:
32
µA max. at 32 kHz, 3.0V
IPD:
9
µA max. at 3.0V, WDT dis
Freq: 40 kHz max.
VDD: 2.5V to 6.25V
IDD:
32
µA max. at 32 kHz, 3.0V
IPD:
9
µA max. at 3.0V, WDT dis
Freq: 40 kHz max.
The shaded sections indicate oscillator selections which should work by design, but are not tested. It is recommended
that the user select the device type from information in unshaded sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com