Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C54-LPI/SS Datasheet(PDF) 84 Page - Microchip Technology

Part # PIC16C54-LPI/SS
Description  EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C54-LPI/SS Datasheet(HTML) 84 Page - Microchip Technology

Back Button PIC16C54-LPI/SS Datasheet HTML 80Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 81Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 82Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 83Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 84Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 85Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 86Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 87Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 88Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 217 page
background image
PIC16C5X
PIC16C54/55/56/57
DS30453B-page 84
Preliminary
© 1998 Microchip Technology Inc.
FIGURE 12-9: VTH (INPUT THRESHOLD VOLTAGE) OF I/O PINS vs. VDD
FIGURE 12-10: VIH, VIL OF MCLR, T0CKI AND OSC1 (IN RC MODE) vs. VDD
FIGURE 12-11: VTH (INPUT THRESHOLD VOLTAGE) OF OSC1 INPUT
(IN XT, HS, AND LP MODES) vs. VDD
2.00
1.80
1.60
1.40
1.20
1.00
2.5
3.0
3.5
4.0
4.5
5.0
VDD (Volts)
Min (–40
°C to +85
°C)
0.80
0.60
5.5
6.0
Max (–40
°C to +85
°C)
Typ (+25
°C)
3.5
3.0
2.5
2.0
1.5
1.0
2.5
3.0
3.5
4.0
4.5
5.0
VDD (Volts)
0.5
0.0
5.5
6.0
4.0
4.5
VIH min
(–40
°C to
+85
°C)
VIH max
(–40
°C to
+85
°C)
VIH typ
+25
°C
VIL min (–40°C to
+85°C)
VIL max (–40°
C to +85°C)
VIH typ +25°
C
Note: These input pins have Schmitt Trigger input buffers.
2.4
2.2
2.0
1.8
1.6
1.4
2.5
3.0
3.5
4.0
4.5
5.0
VDD (Volts)
1.2
1.0
5.5
6.0
Typ
(+25
°C)
2.6
2.8
3.0
3.2
3.4
Max
(–40
°C to
+85
°C)
Min
(–40
°C to
+85
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com