Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C54-LPI/SS Datasheet(PDF) 56 Page - Microchip Technology

Part # PIC16C54-LPI/SS
Description  EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C54-LPI/SS Datasheet(HTML) 56 Page - Microchip Technology

Back Button PIC16C54-LPI/SS Datasheet HTML 52Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 53Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 54Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 55Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 56Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 57Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 58Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 59Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 217 page
background image
PIC16C5X
DS30453B-page 56
Preliminary
© 1998 Microchip Technology Inc.
9.6
PICDEM-1 Low-Cost PICmicro
Demonstration Board
The PICDEM-1 is a simple board which demonstrates
the
capabilities
of
several
of
Microchip’s
microcontrollers. The microcontrollers supported are:
PIC16C5X (PIC16C54 to PIC16C58A), PIC16C61,
PIC16C62X,
PIC16C71,
PIC16C8X,
PIC17C42,
PIC17C43 and PIC17C44. All necessary hardware
and software is included to run basic demo programs.
The users can program the sample microcontrollers
provided
with
the
PICDEM-1
board,
on
a
PRO MATE II or PICSTART-Plus programmer, and
easily test firmware. The user can also connect the
PICDEM-1 board to the PICMASTER emulator and
download the firmware to the emulator for testing.
Additional prototype area is available for the user to
build some additional hardware and connect it to the
microcontroller socket(s). Some of the features include
an RS-232 interface, a potentiometer for simulated
analog input, push-button switches and eight LEDs
connected to PORTB.
9.7
PICDEM-2 Low-Cost PIC16CXX
Demonstration Board
The PICDEM-2 is a simple demonstration board that
supports
the
PIC16C62,
PIC16C64,
PIC16C65,
PIC16C73 and PIC16C74 microcontrollers. All the
necessary hardware and software is included to
run the basic demonstration programs. The user
can program the sample microcontrollers provided
with the PICDEM-2 board, on a PRO MATE II
programmer
or
PICSTART-Plus, and easily test
firmware. The PICMASTER emulator may also be
used with the PICDEM-2 board to test firmware.
Additional prototype area has been provided to the
user for adding additional hardware and connecting it
to the microcontroller socket(s). Some of the features
include a RS-232 interface, push-button switches, a
potentiometer for simulated analog input, a Serial
EEPROM to demonstrate usage of the I2C bus and
separate headers for connection to an LCD module
and a keypad.
9.8
PICDEM-3 Low-Cost PIC16CXXX
Demonstration Board
The PICDEM-3 is a simple demonstration board that
supports the PIC16C923 and PIC16C924 in the PLCC
package. It will also support future 44-pin PLCC
microcontrollers with a LCD Module. All the
necessary hardware and software is included to
run the basic demonstration programs. The user
can program the sample microcontrollers provided
with the PICDEM-3 board, on a PRO MATE II
programmer or PICSTART Plus with an adapter
socket, and easily test firmware. The PICMASTER
emulator may also be used with the PICDEM-3 board
to test firmware. Additional prototype area has been
provided to the user for adding hardware and
connecting it to the microcontroller socket(s). Some
of
the
features
include
an
RS-232
interface,
push-button switches, a potentiometer for simulated
analog input, a thermistor and separate headers for
connection to an external LCD module and a keypad.
Also provided on the PICDEM-3 board is an LCD
panel, with 4 commons and 12 segments, that is
capable of displaying time, temperature and day of the
week. The PICDEM-3 provides an additional RS-232
interface and Windows 3.1 software for showing the
demultiplexed LCD signals on a PC. A simple serial
interface allows the user to construct a hardware
demultiplexer for the LCD signals.
9.9
MPLAB™ Integrated Development
Environment Software
The MPLAB IDE Software brings an ease of software
development
previously
unseen
in
the
8-bit
microcontroller market. MPLAB is a windows based
application which contains:
• A full featured editor
• Three operating modes
- editor
- emulator
- simulator
• A project manager
• Customizable tool bar and key mapping
• A status bar with project information
• Extensive on-line help
MPLAB allows you to:
• Edit your source files (either assembly or ‘C’)
• One touch assemble (or compile) and download
to PICmicro tools (automatically updates all
project information)
• Debug using:
- source files
- absolute listing file
• Transfer data dynamically via DDE (soon to be
replaced by OLE)
• Run up to four emulators on the same PC
The ability to use MPLAB with Microchip’s simulator
allows a consistent platform and the ability to easily
switch from the low cost simulator to the full featured
emulator with minimal retraining due to development
tools.
9.10
Assembler (MPASM)
The
MPASM
Universal
Macro
Assembler
is
a
PC-hosted
symbolic
assembler.
It
supports
all
microcontroller
series
including
the
PIC12C5XX,
PIC14000, PIC16C5X, PIC16CXXX, and PIC17CXX
families.
MPASM
offers
full
featured
Macro
capabilities,
conditional assembly, and several source and listing
formats. It generates various object code formats to
support Microchip's development tools as well as third
party programmers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com