Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C54-LPI/SS Datasheet(PDF) 43 Page - Microchip Technology

Part # PIC16C54-LPI/SS
Description  EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C54-LPI/SS Datasheet(HTML) 43 Page - Microchip Technology

Back Button PIC16C54-LPI/SS Datasheet HTML 39Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 40Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 41Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 42Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 43Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 44Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 45Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 46Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 217 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS30453B-page 43
PIC16C5X
8.0
INSTRUCTION SET SUMMARY
Each PIC16C5X instruction is a 12-bit word divided into an
OPCODE, which specifies the instruction type, and one or
more operands which further specify the operation of the
instruction. The PIC16C5X instruction set summary in
Table 8-2 groups the instructions into byte-oriented,
bit-oriented, and literal and control operations. Table 8-1
shows the opcode field descriptions.
For byte-oriented instructions, 'f' represents a file register
designator and 'd' represents a destination designator. The
file register designator is used to specify which one of the
32 file registers is to be used by the instruction.
The destination designator specifies where the result
of the operation is to be placed. If 'd' is '0', the result is
placed in the W register. If 'd' is '1', the result is placed
in the file register specified in the instruction.
For bit-oriented instructions, 'b' represents a bit field
designator which selects the number of the bit affected
by the operation, while 'f' represents the number of the
file in which the bit is located.
For literal and control operations, 'k' represents an
8 or 9-bit constant or literal value.
TABLE 8-1:
OPCODE FIELD
DESCRIPTIONS
Field
Description
f
Register file address (0x00 to 0x7F)
W
Working register (accumulator)
b
Bit address within an 8-bit file register
k
Literal field, constant data or label
x
Don't care location (= 0 or 1)
The assembler will generate code with x = 0. It is
the recommended form of use for compatibility
with all Microchip software tools.
d
Destination select;
d = 0 (store result in W)
d = 1 (store result in file register 'f')
Default is d = 1
label
Label name
TOS
Top of Stack
PC
Program Counter
WDT
Watchdog Timer Counter
TO
Time-Out bit
PD
Power-Down bit
dest
Destination, either the W register or the specified
register file location
[ ]
Options
( )
Contents
→
Assigned to
< >
Register bit field
∈
In the set of
italics
User defined term (font is courier)
All instructions are executed within one single
instruction cycle, unless a conditional test is true or the
program counter is changed as a result of an
instruction. In this case, the execution takes two
instruction cycles. One instruction cycle consists of
four oscillator periods. Thus, for an oscillator frequency
of 4 MHz, the normal instruction execution time is 1
µs.
If a conditional test is true or the program counter is
changed as a result of an instruction, the instruction
execution time is 2
µs.
Figure 8-1 shows the three general formats that the
instructions can have. All examples in the figure use the
following format to represent a hexadecimal number:
0xhhh
where 'h' signifies a hexadecimal digit.
FIGURE 8-1:
GENERAL FORMAT FOR
INSTRUCTIONS
Byte-oriented file register operations
11
6
5
4
0
d = 0 for destination W
OPCODE
d
f (FILE #)
d = 1 for destination f
f = 5-bit file register address
Bit-oriented file register operations
11
8 7
5 4
0
OPCODE
b (BIT #)
f (FILE #)
b = 3-bit bit address
f = 5-bit file register address
Literal and control operations (except GOTO)
11
8
7
0
OPCODE
k (literal)
k = 8-bit immediate value
Literal and control operations - GOTO instruction
11
9
8
0
OPCODE
k (literal)
k = 9-bit immediate value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com